Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD835G2-70UI Datasheet(PDF) 31 Page - STMicroelectronics

Part # PSD835G2-70UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70UI Datasheet(HTML) 31 Page - STMicroelectronics

Back Button PSD835G2-70UI Datasheet HTML 27Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 28Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 29Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 30Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 31Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 32Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 33Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 34Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 110 page
background image
PSD8XX Family
PSD835G2
30
The
PSD835G2
Functional
Blocks
(cont.)
MAIN
FLASH
DPLD
FLASH
BOOT
BLOCK
SRAM
RS0
CSBOOT0-3
FS0-7
CS
CS
CS
OE
OE
RD
PSEN
OE
Figure 7. 80C51 Memory Modes – Separate Space Mode
MAIN
FLASH
DPLD
FLASH
BOOT
BLOCK
SRAM
RS0
CSBOOT0-3
FS0-7
RD
CS
CS
CS
RD
OE
OE
VM REG BIT 2
PSEN
VM REG BIT 0
VM REG BIT 1
VM REG BIT 3
VM REG BIT 4
OE
Figure 8. 80C51 Memory Mode – Combined Space Mode
9.1.3.2 Configuration Modes for MCUs with Separate Program and Data Spaces
9.1.3.2.1 Separate Space Modes
Code memory space is separated from data memory space. For example, the PSEN
signal is used to access the program code from the main Flash Memory, while the RD
signal is used to access data from the secondary Flash memory, SRAM and I/O Ports.
This configuration requires the VM register to be set to 0Ch.
9.1.3.2.2 . Combined Space Modes
The program and data memory spaces are combined into one space that allows the main
Flash Memory, secondary Flash memory, and SRAM to be accessed by either PSEN or
RD. For example, to configure the main Flash memory in combined space mode, bits 2
and 4 of the VM register are set to “1”.
9.1.3.3 80C51XA Memory Map Example
See Application Notes for examples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com