Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD835G2-70UI Datasheet(PDF) 87 Page - STMicroelectronics

Part # PSD835G2-70UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70UI Datasheet(HTML) 87 Page - STMicroelectronics

Back Button PSD835G2-70UI Datasheet HTML 83Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 84Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 85Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 86Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 87Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 88Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 89Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 90Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 110 page
background image
PSD8XX Family
PSD835G2
86
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
Supply Voltage
All Speeds
3.0
3.6
V
VIH
High Level Input Voltage
3.0 V < VCC < 3.6 V
.7 VCC
VCC +.5
V
VIL
Low Level Input Voltage
3.0 V < VCC < 3.6 V
–.5
0.8
V
VIH1
Reset High Level Input Voltage
(Note 1)
.8 VCC
VCC +.5
V
VIL1
Reset Low Level Input Voltage
(Note 1)
–.5
.2 VCC –.1
V
VHYS
Reset Pin Hysteresis
0.3
V
VLKO
VCC Min for Flash Erase and Program
1.5
2.3
V
VOL
Output Low Voltage
IOL = 20 µA, VCC = 3.0 V
0.01
0.1
V
IOL = 4 mA, VCC = 3.0 V
0.15
0.45
V
VOH
Output High Voltage Except VSTBY On
IOH = –20 µA, VCC = 3.0 V
2.9
2.99
V
IOH = –1 mA, VCC = 3.0 V
2.7
2.8
V
VOH
1
Output High Voltage VSTBY On
IOH
1
= 1 µA
VSBY – 0.8
V
VSBY
SRAM Standby Voltage
2.0
VCC
V
ISBY
SRAM Standby Current (VSTBY Pin)
VCC = 0 V
0.5
1
µA
IIDLE
Idle Current (VSTBY Pin)
VCC > VSBY
–0.1
0.1
µA
VDF
SRAM Data Retention Voltage
Only on VSTBY
2V
ISB
Standby Supply Current
CSI >VCC –0.3 V
50
100
µA
for Power Down Mode
(Notes 2 and 3)
ILI
Input Leakage Current
VSS < VIN < VCC
–1
±.1
1
µA
ILO
Output Leakage Current
0.45 < VIN < VCC
–10
± 5
10
µA
IO
Output Current
Refer to IOL and IOH in
the VOL and VOH row
ZPLD_TURBO = OFF,
f = 0 MHz (Note 3)
0mA
PLD Only
ZPLD_TURBO = ON,
ICC (DC)
Operating
f = 0 MHz
200
400
µA/PT
(Note 5)
Supply Current
During FLASH
FLASH
Write/Erase Only
10
25
mA
Read Only, f = 0 MHz
0
0
mA
SRAM
f = 0 MHz
0
0
mA
PLD AC Base
(Note 4)
Figure 32a
ICC (AC)
FLASH
(Note 5)
AC Adder
1.5
2.0
mA/MHz
SRAM AC Adder
0.8
1.5
mA/MHz
PSD835G2 DC Characteristics (3.0 V to 3.6 V Versions) Advance Information
NOTES: 1. Reset input has hysteresis. VIL1 is valid at or below .2VCC –.1. VIH1 is valid at or above .8VCC.
2. CSI deselected or internal PD mode is active.
3. PLD is in non-turbo mode and none of the inputs are switching.
4. Refer to Figure 31a for PLD current calculation.
5. IO = 0 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com