Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD835G2-70UI Datasheet(PDF) 9 Page - STMicroelectronics

Part # PSD835G2-70UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70UI Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PSD835G2-70UI Datasheet HTML 5Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 6Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 7Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 8Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 9Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 10Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 11Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 12Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 110 page
background image
PSD8XX Family
PSD835G2
8
The following table describes the pin names and pin functions of the PSD835G2. Pins that
have multiple names and/or functions are defined using PSDsoft.
6.0
Table 5.
PSD835G2
Pin
Descriptions
Pin*
(TQFP
Pin Name
Pkg.)
Type
Description
ADIO0-7
3-7
I/O
This is the lower Address/Data port. Connect your MCU
10-12
address or address/data bus according to the following rules:
1. If your MCU has a multiplexed address/data bus where the
data is multiplexed with the lower address bits, connect
AD[0:7] to this port.
2. If your MCU does not have a multiplexed address/data bus,
connect A[0:7] to this port.
3. If you are using an 80C51XA in burst mode, connect
A4/D0 through A11/D7 to this port.
ALE or AS latches the address. The PSD drives data out only
if the read signal is active and one of the PSD functional blocks
was selected. The addresses on this port are passed to the
PLDs.
ADIO8-15
13-20
I/O
This is the upper Address/Data port. Connect your MCU
address or address/data bus according to the following rules:
1. If your MCU has a multiplexed address/data bus where the
data is multiplexed with the lower address bits, connect
A[8:15] to this port.
2. If your MCU does not have a multiplexed address/data bus,
connect A[8:15] to this port.
3. If you are using an 80C251 in page mode, connect AD[8:15]
to this port
4. If you are using an 80C51XA in burst mode, connect
A[12:19] to this port.
ALE or AS latches the address. The PSD drives data out only
if the read signal is active and one of the PSD functional
blocks was selected. The addresses on this port are passed
to the PLDs.
CNTL0
59
I
The following control signals can be connected to this port,
based on your MCU:
1. WR — active-low write input.
2. R_W — active-high read/active low write input.
This pin is connected to the PLDs. Therefore, these signals can
be used in decode and other logic equations.
CNTL1
60
I
The following control signals can be connected to this port,
based on your MCU:
1. RD — active-low read input.
2. E — E clock input.
3. DS — active-low data strobe input.
4. PSEN — connect PSEN to this port when it is being used as
an active-low read signal. For example, when the 80C251
outputs more than 16 address bits, PSEN is actually the read
signal.
This pin is connected to the PLDs. Therefore, these signals can
be used in decode and other logic equations.
CNTL2
40
I
This pin can be used to input the PSEN (Program Select
Enable) signal from any MCU that uses this signal for code
exclusively. If your MCU does not output a Program Select
Enable signal, this port can be used as a generic input. This
port is connected to the PLD as input.
Reset
39
I
Active low input. Resets I/O Ports, PLD Micro
⇔Cells, some of
the configuration registers and JTAG registers. Must be active
at power up. Reset also aborts the Flash programming/erase
cycle that is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com