Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD835G2-70UI Datasheet(PDF) 74 Page - STMicroelectronics

Part # PSD835G2-70UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70UI Datasheet(HTML) 74 Page - STMicroelectronics

Back Button PSD835G2-70UI Datasheet HTML 70Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 71Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 72Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 73Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 74Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 75Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 76Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 77Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 110 page
background image
PSD835G2
PSD8XX Family
Range
Temperature
VCC Tolerance
Commercial
0° C to +70°C
+ 5 V ± 10%
Industrial
–40° C to +85°C
+ 5 V ± 10%
Commercial
0° C to +70°C
3.0 V to 3.6 V
Industrial
–40° C to +85°C
3.0 V to 3.6 V
Symbol
Parameter
Condition
Min
Max
Unit
TSTG
Storage Temperature
PLDCC
– 65
+ 125
°C
Commercial
0
+ 70
°C
Operating Temperature
Industrial
– 40
+ 85
°C
Voltage on any Pin
With Respect to GND
– 0.6
+ 7
V
V
PP
Device Programmer
Supply Voltage
With Respect to GND
– 0.6
+ 14
V
VCC
Supply Voltage
With Respect to GND
– 0.6
+ 7
V
ESD Protection
>2000
V
10.0
Absolute
Maximum
Ratings
NOTE: Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification is not recommended. Exposure to Absolute Maximum Rating conditions for
extended periods of time may affect device reliability.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCC
Supply Voltage
All Speeds
4.5
5
5.5
V
VCC
Supply Voltage
V-Versions
All Speeds
3.0
3.6
V
12.0
Recommended
Operating
Conditions
11.0
Operating
Range
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com