Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD835G2-70UI Datasheet(PDF) 18 Page - STMicroelectronics

Part # PSD835G2-70UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70UI Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PSD835G2-70UI Datasheet HTML 14Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 15Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 16Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 17Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 18Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 19Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 20Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 21Page - STMicroelectronics PSD835G2-70UI Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 110 page
background image
PSD835G2
PSD8XX Family
17
9.1.1.2 Upper and Lower Block IN MAIN FLASH SECTOR
The PSD835G2’s main Flash has eight 64K bytes sector. The 64K byte sector size may
cause some difficulty in code mapping for an 8-bit MCU with only 64K byte address space.
To resolve this mapping issue, the PSD835G2 provides additional logic (Figure 3) for the
user to split the 8 sectors such that each sector has a lower and upper 32K byte block, and
the two blocks can reside in different pages but in the same address range.
If your design works with 64KB sectors, you don’t need to configure this logic. If the design
requires 32KB blocks in each sector, you need to define a “FA15” PLD equation in
PSDsoft as the A15 address input to the main Flash module. FA15 consists of 3 product
terms and will control whether the MCU is accessing the lower or upper 32KB in the
selected sector. Below is an example for Flash sector chip select FS0. A typical equation
is FA15 = pgr4 of the Page Register. When pgr4 is 0 (page 00), the lower 32KB is
selected. When pgr4 is switched to 1 by the user, the upper 32KB is selected. PSDsoft will
automatically generate the PLD equations shown, based on your point and click
selections.
page = [pgr7...pgr0]; “Page Register output
“Sector Chip Select Equation
FS0 = ((0000h <= address <= 7FFFh) & page = 00h) #
“select first 32KB block
((0000h <= address <= 7FFFh) & page = 10h);
“select second 32KB block
FA15 = pgr4;
“as address A15 input to the main Flash
If no FA15 equation is defined in PSDsoft, the A15 that comes from the MCU address bus
will be routed as input to the main Flash instead of FA15. The FA15 equation has no
impact in the Sector Erase operation. Note: FA15 affects all eight sectors of the main Flash
simultaneously, you cannot direct FA15 to a particular Flash sector only.
9.1.1.3 The Ready/Busy Pin (PE4)
Pin PE4 can be used to output the Ready/Busy status of the PSD835G2. The output on
the pin will be a ‘0’ (Busy) when Flash memory blocks are being written to, or when the
Flash memory block is being erased. The output will be a ‘1’ (Ready) when no write or
erase operation is in progress.
The
PSD835G2
Functional
Blocks
(cont.)
DPLD
ARRAY
FA15
A15
* Set by PSDsoft
FLASH CHIP SELECTS FS0-7
MUX
NVM CONTROL BIT
*
MAIN
FLASH
SECTOR
ADDR A15
A [14:0]
Figure 3. Selecting the Upper or Lower Block in a Main Flash Sector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com