Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38D2 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 33Page - Renesas Technology Corp 38D2 Datasheet HTML 34Page - Renesas Technology Corp 38D2 Datasheet HTML 35Page - Renesas Technology Corp 38D2 Datasheet HTML 36Page - Renesas Technology Corp 38D2 Datasheet HTML 37Page - Renesas Technology Corp 38D2 Datasheet HTML 38Page - Renesas Technology Corp 38D2 Datasheet HTML 39Page - Renesas Technology Corp 38D2 Datasheet HTML 40Page - Renesas Technology Corp 38D2 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 37 of 131
REJ03B0177-0302
38D2 Group
(4) Set of Timer X Mode Register
Set the write control bit of the timer X mode register to “1”
(write to the latch only) when setting the IGBT output and PWM
modes.
Output waveform simultaneously reflects the contents of both
registers at the next underflow after writing to the timer X
register (high-order).
(5) Output Control Function of Timer X
• When using the output control function (INT1 and INT2) in the
IGBT output mode, set the levels of INT1 and INT2 to “H” in
the falling edge active or to “L” in the rising edge active before
switching to the IGBT output mode.
(6) Switch of CNTR0 Active Edge
• When the CNTR0 active edge switch bits are set, at the same
time, the interrupt active edge is also affected.
When the pulse width is measured, set the bit 7 of the CNTR0
active edge switch bits to “0”.
(7) When Timer X Pulse Width Measurement Mode
Used
When timer X pulse width measurement mode is used, enable the
event counter wind control data (bit 5 of timer X mode register
(address 002D16)) by setting to “0”.
<Reason>
If the event counter window control data (bit 5 of timer X mode
register (address 002D16)) is set to “1” (disabled) to
enable/disable the CNTR0 input, the input is not accepted after
the timer 1 underflow.
Fig. 28 Structure of timer X related registers
Timer X mode register
(TXM: address 002D16)
Timer X operating mode bits
b2b1b0
0 0 0 : Timer mode
0 0 1 : Pulse output mode
0 1 0 : IGBT output mode
0 1 1 : PWM mode
1 0 0 : Event counter mode
1 0 1 : Pulse width measurement mode
1 1 0 : Not available
1 1 1 : Not available
Timer X write control bit
0 : Write data to both timer latch and timer
1 : Write data to timer latch only
Timer X count source selection bit
0 : Frequency divider output
1 : f(XCIN)
Data for control of event counter window
0 : Event count enabled
1 : Event count disabled
Timer X count stop bit
0 : Count operation
1 : Count stop
Timer X output 1 selection bit (P35)
0 : I/O port
1 : Timer X output 1
b7
b0
b0
Timer X control register 1
(TXCON1: address 002E16)
Noise filter sampling clock selection bit
0 : f(XIN)/2
1 : f(XIN)/4
External trigger delay time selection bits
b2b1
0 0 : Not delayed
0 1 : (4/f(XIN))
μs
1 0 : (8/f(XIN))
μs
1 1 : (16/f(XIN))
μs
Timer X output control bit 1 (P51)
0 : Not used INT1 interrupt signal
1 : INT1 interrupt signal used
Timer X output control bit 2 (P34)
0 : Not used INT2 interrupt signal
1 : INT2 interrupt signal used
Timer X output 1 active edge switch bit
0 : Start at “L” output
1 : Start at “H” output
CNTR0 active edge switch bits
b7b6
0 0 : Count at rising edge in event counter mode
Falling edge active for CNTR0 interrupt
Measure “H” pulse width in pulse width measurement mode
0 1 : Count at falling edge in event counter mode
Rising edge active for CNTR0 interrupt
Measure “L” pulse width in pulse width measurement mode
1 0 :
Count at both edges in event counter mode
1 1 :
Both edges active for CNTR0 interrupt
b7
Timer X control register 2
(TXCON2: address 002F16)
Timer X output 2 control bit (P37)
0 : I/O port
1 : Timer X output 2
Timer X output 2 active edge switch bit
0 : Start at “L” output
1 : Start at “H” output
Timer X dividing frequency selection bits
b3b2
0 0 : 1/16
× φ SOURCE
0 1 : 1/1
× φ SOURCE
1 0 : 1/2
× φ SOURCE
1 1 : 1/256
× φ SOURCE
Trigger for IGBT input control bit
0 : Noise filter sampling clock
× 1
External trigger delay time
× 1
1 : Noise filter sampling clock
× 2
External trigger delay time
× 1/2
Not used (returns “0” when read)
b7
b0
(1)
Note1:
φSOURCE indicates the followings:
•XIN input in the frequency/2, 4, or 8 mode
•On-chip oscillator divided by 4 in the on-chip oscillator mode
•Sub-clock in the low-speed mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com