Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38D2 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 91Page - Renesas Technology Corp 38D2 Datasheet HTML 92Page - Renesas Technology Corp 38D2 Datasheet HTML 93Page - Renesas Technology Corp 38D2 Datasheet HTML 94Page - Renesas Technology Corp 38D2 Datasheet HTML 95Page - Renesas Technology Corp 38D2 Datasheet HTML 96Page - Renesas Technology Corp 38D2 Datasheet HTML 97Page - Renesas Technology Corp 38D2 Datasheet HTML 98Page - Renesas Technology Corp 38D2 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 95 of 131
REJ03B0177-0302
38D2 Group
Recommended Operating Conditions
NOTES:
1. When the A/D converter is used, refer to the recommended operating conditions of the A/D converter.
2. 12.5 MHz
< f(XIN) ≤ 16 MHz is not available in the frequency/2 mode.
3. The oscillation start voltage and the oscillation start time differ depending on factors such as the oscillator, circuit constants, and
operating temperature range. Note that oscillation start may be particularly difficult at low voltage when using a high-frequency
oscillator.
f: Oscillation frequency (1 MHz
≤ f(XIN) ≤ 8 MHz) of oscillator. When the 8 MHz oscillation is used, assign “8” to “f”.
Table 22 Recommended operating conditions (1)
(VCC = 1.8 to 5.5 V, VSS = 0 V, Ta =
−20 to 85°C unless otherwise noted)
Symbol
Parameter
Limits
Unit
Min.
Typ.
Max.
VCC
Power source voltage (1)
Frequency/2
mode (2)
f(XIN)
≤ 12.5MHz
4.5
5.5
V
f(XIN)
≤ 8.0MHz
4.0
5.5
V
f(XIN)
≤ 4.0MHz
2.0
5.5
V
f(XIN)
≤ 2.0MHz
1.8
5.5
V
Frequency/4
mode
f(XIN)
≤ 16MHz
4.5
5.5
V
f(XIN)
≤ 8.0MHz
2.0
5.5
V
f(XIN)
≤ 4.0MHz
1.8
5.5
V
Frequency/8
mode
f(XIN)
≤ 16MHz
4.5
5.5
V
f(XIN)
≤ 8.0MHz
2.0
5.5
V
f(XIN)
≤ 4.0MHz
1.8
5.5
V
Low-speed mode
1.8
5.5
V
On-chip oscillator mode
1.8
5.5
V
When start oscillating (3)
0.05
× f + 1.9
V
VSS
Power source voltage
0V
VL3
LCD power source voltage
2.5
5.5
V
VREF
A/D converter reference voltage
2.0
VCC
V
AVSS
Analog power source voltage
0
V
VIA
Analog input voltage AN0
−AN7
AVSS
VCC
V
VIH
“H” input voltage
P04
−P07, P10−P17, P20−P27, P30, P32, P35, P36, P40−P47,
P52, P53, P62
0.7VCC
VCC
V
VIH
“H” input voltage
P00
−P03, P31, P33, , P34, P37, P50, 51, P54−P57, P60, P61
0.8VCC
VCC
V
VIH
“H” input voltage RESET
2.2V
< VCC ≤ 5.5V
0.8VCC
VCC
V
VCC
≤ 2.2V
65
× VCC
−99
VCC
−
100
VCC
V
VIH
“H” input voltage XIN
0.8VCC
VCC
V
VIL
“L” input voltage
P04
−P07, P10−P17, P20−P27, P30, P32, P35, P36, P40−P47,
P52, P53, P62
00.3VCC
V
VIL
“L” input voltage
P00
−P03, P31, P33, P34, P37, P50, P51, P54−P57, P60, P61,
OSCSEL
00.2VCC
V
VIL
“L” input voltage RESET
2.2V
< VCC ≤ 5.5V
0
0.2VCC
V
VCC
≤ 2.2V
0
65
× VCC −99
100
V
VIL
“L” input voltage XIN
00.2VCC
V
QzROM VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com