Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38D2 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 19Page - Renesas Technology Corp 38D2 Datasheet HTML 20Page - Renesas Technology Corp 38D2 Datasheet HTML 21Page - Renesas Technology Corp 38D2 Datasheet HTML 22Page - Renesas Technology Corp 38D2 Datasheet HTML 23Page - Renesas Technology Corp 38D2 Datasheet HTML 24Page - Renesas Technology Corp 38D2 Datasheet HTML 25Page - Renesas Technology Corp 38D2 Datasheet HTML 26Page - Renesas Technology Corp 38D2 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 23 of 131
REJ03B0177-0302
38D2 Group
• Termination of unused pins
• Termination of common pins
I/O ports:
Select an input port or an output port and follow
each processing method.
In addition, it is recommended that related
registers be overwritten periodically to prevent
malfunctions, etc.
Output ports: Open.
Input ports: If the input level become unstable, through current
flow to an input circuit, and the power supply
current may increase.
Especially, when expecting low consumption
current (at STP or WIT instruction execution etc.),
pull-up or pull-down input ports to prevent
through current (built-in resistor can be used).
We recommend processing unused pins through a
resistor which can secure IOH(avg) or IOL(avg).
Because, when an I/O port or a pin which have an
output function is selected as an input port, it may
operate as an output port by incorrect operation
etc.
Table 9
Termination of unused pins
Pin
Termination 1
Termination 2
Termination 3
P00/SEG0/(KW4)
−P07/SEG7
I/O port
When selecting SEG output, open.
−
P10/SEG8
−P17/SEG15
P20/SEG16
−P27/SEG23/VL2
P30/SRDY2/(LED0),
P57/SRDY1/(KW3)
When selecting SRDY function,
perform termination of output port.
−
P31/SCLK2/(LED1),
P56/SCLK1/(KW2)
When selecting external clock input,
perform termination of input port.
When selecting internal clock output,
perform termination of output port.
P32/TXD2/(LED2),
P55/TXD1/(KW1)
When selecting TxD function, perform
termination of output port.
−
P33/RXD2/(LED3),
P54/RXD1/(KW0)
When selecting RxD function,
perform termination of input port.
−
P34/INT2/(LED4)
When selecting INT function, perform
termination of input port.
−
P35/TXOUT1/(LED5)
When selecting TXOUT function,
perform termination of output port.
−
P36/T2OUT/CKOUT/(LED6)
When selecting T2OUT function or CKOUT
function, perform termination of output port.
−
P37/CNTR0/TXOUT2/(LED7)
When selecting TXOUT function,
perform termination of output port.
−
P40/OOUT0/AN0,
P41/OOUT1/AN1
When selecting AN function, these
pins can be opened. (A/D conversion
result cannot be guaranteed.)
When selecting oscillation output,
perform termination of output port.
P42/AN2/ADKEY
When selecting ADKEY function,
pull-up this pin through a resistor.
P43/AN3
−P47/RTP1/AN7
−
P50/INT0,
P51/INT1
When selecting INT function, perform
termination of input port.
−
P52/T3OUT/PWM0,
P53/T4OUT/PWM1
When selecting PWM, T3OUT, or T4OUT
function, perform termination of output port.
−
P60/CNTR1
When selecting CNTR input function,
perform termination of input port.
−
P61/XCIN,
P62/XCOUT
Do not select XCIN-XCOUT oscillation
function by program.
−
VL3
Set the VL3 connect bit to “1”
and apply a Vcc level
voltage to VL3 pin.
Set the VL3 connect bit to “0” and
leave the VL3 pin open.
−
COM0
−COM3
Open
−−
AVss
Connect to Vss
−−
VREF
Connect to Vcc
−−
XIN
When only on-chip oscillator
is used, connect to VCC
through a resistor.
−−
XOUT
When external clock is input
or when only on-chip
oscillator is used, open.
−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com