Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38D2 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 41Page - Renesas Technology Corp 38D2 Datasheet HTML 42Page - Renesas Technology Corp 38D2 Datasheet HTML 43Page - Renesas Technology Corp 38D2 Datasheet HTML 44Page - Renesas Technology Corp 38D2 Datasheet HTML 45Page - Renesas Technology Corp 38D2 Datasheet HTML 46Page - Renesas Technology Corp 38D2 Datasheet HTML 47Page - Renesas Technology Corp 38D2 Datasheet HTML 48Page - Renesas Technology Corp 38D2 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 45 of 131
REJ03B0177-0302
38D2 Group
Fig. 37 Structure of AD control register
ADKEY function
The ADKEY function is used to judge the analog input voltage
input from the ADKEY pin. When the A/D converter starts
operating after VIL (0.7
× Vcc-0.5) or less is input, the event of
analog voltage input can be judged with the A/D conversion
interrupt.
This function can be used with the STP and WIT state.
As for the ADKEY function in 38D2 Group, the A/D conversion
of analog input voltage immediately after starting ADKEY
function is not performed.
Therefore, the A/D conversion result immediately after an
ADKEY function is undefined. Accordingly, when the A/D
conversion result of the analog input voltage input from the
ADKEY pin is required, start the A/D conversion by program
after the analog input pin corresponding to ADKEY is selected.
• ADKEY Selection
When the ADKEY pin is used, set the ADKEY selection bit to
“1”. The ADKEY selection bit is “0”, just after the A/D
conversion is started.
• ADKEY Enable
The ADKEY function is enabled by writing “1” to the ADKEY
enable bit. Surely, in order to enable ADKEY function, set “1” to
the ADKEY enable bit, after setting the ADKEY selection bit to
“1”.
When the ADKEY enable bit of the AD control register is “1”,
the analog input pin selection bits become invalid. Please do not
write “0” in the AD conversion completion bit by the program
during ADKEY enabled state.
[ADKEY Control Circuit]
In order to obtain a more exact conversion result, by the A/D
conversion with ADKEY, execute the following;
• set the input to the ADKEY pin into a steep falling waveform,
• stabilize the input voltage within 8 clock cycles (1
μs at f(XIN)
= 8 MHz) after the input voltage is under VIL
The threshold voltage with an actual ADKEY pin is the voltage
between VIH-VIL.
In order not to make ADKEY operation perform superfluously in
a noise etc., in the state of the waiting for an input, set the voltage
of an ADKEY pin to VIH (0.9VCC) or more.
When the following operations are performed, the A/D
conversion operation cannot be guaranteed.
• When the CPU mode register is operated during A/D
conversion operation,
• When the AD conversion control register is operated during
A/D conversion operation,
• When the STP or WIT instruction is executed during A/D
conversion operation.
AD control register
(ADCON: address 001516)
Analog input pin selection bits
b2 b1 b0
0 0 0 : P40/AN0
0 0 1 : P41/AN1
0 1 0 : P42/AN2
0 1 1 : P43/AN3
1 0 0 : P44/AN4
1 0 1 : P45/AN5
1 1 0 : P46/AN6
1 1 1 : P47/AN7
AD conversion completion bit
0 : Conversion in progress
1 : Conversion completed
AD conversion clock selection bit
0 :
φSOURCE/2
1 :
φSOURCE/8
ADKEY enable bit
0 : Disabled
1 : Enabled
10-bit or 8-bit conversion switch bit
0 : 10-bit AD
1 : 8-bit AD
ADKEY selection bit
0 : Invalid
1 : Valid
b7
b0
*VREF input switch bit
0: ON only during A/D conversion
1: ON
Note : The bit 5 to bit 1 of address 001616 become “0” at reading.
Also, bit 0 is undefined at reading.
(low-order)
*
b1 b0
b7
b0
AD conversion register
high-order
(Address 001716)
b7
b2
b3
b6 b5 b4
b9 b8
(high-order)
b7
b0
At 10bitAD
(Read address 001716 before 001616)
b5
b0
b1
b4 b3 b2
b7 b6
b7
b0
Notes 1:
φSOURCE indicates the followings:
•XIN input in the frequency/2, 4, or 8 mode
•On-chip oscillator divided by 4 in the low-speed and the on-chip
oscillator mode
2: When the ADKEY enable bit is “1”, the analog input pin selection
bits are invalid.
Do not execute the A/D conversion by program while the ADKEY is
enabled.
Bit 0 to bit 2 of ADCON are not changed even when ADKEY is
enabled.
AD conversion register
low-order
(Address 001616)
At 8bitAD
(Read only address 001716)
(Address 001716)
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com