Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38D2 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 61Page - Renesas Technology Corp 38D2 Datasheet HTML 62Page - Renesas Technology Corp 38D2 Datasheet HTML 63Page - Renesas Technology Corp 38D2 Datasheet HTML 64Page - Renesas Technology Corp 38D2 Datasheet HTML 65Page - Renesas Technology Corp 38D2 Datasheet HTML 66Page - Renesas Technology Corp 38D2 Datasheet HTML 67Page - Renesas Technology Corp 38D2 Datasheet HTML 68Page - Renesas Technology Corp 38D2 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 65 of 131
REJ03B0177-0302
38D2 Group
QzROM WRITING MODE
In the QzROM writing mode, the user ROM area can be
rewritten while the microcomputer is mounted on-board by using
a serial programmer which is applicable for this microcomputer.
Table 14 lists the pin description (QzROM writing mode) and
Figure 65 shows the pin connection.
Refer to Figure 66 to Figure 69 for examples of a connection
with a serial programmer.
Contact the manufacturer of your serial programmer for serial
programmer. Refer to the user ’s manual of your serial
programmer for details on how to use it.
Table 14 Pin description (QzROM writing mode)
Pin
Name
I/O
Function
VCC, VSS
Power source
Input
• Apply 2.7 to 5.5 V to VCC, and 0 V to VSS.
RESET
Reset input
Input
• Reset input pin for active “L”. Reset occurs when RESET pin is
held at an “L” level for 16 cycles or more of XIN.
XIN
Clock input
Input
• Set the same termination as the single-chip mode.
XOUT
Clock output
Output
VREF
Analog reference
voltage
Input
• Input the reference voltage of A/D converter to VREF.
AVSS
Analog power source
Input
• Connect AVss to Vss.
P00
−P07
P10
−P17
P20
−P27
P33
−P37
P40
−P47
P50
−P57
P60
−P62
I/O port
I/O
• Input “H” or “L” level signal or leave the pin open.
OSCSEL
VPP input
Input
• QzROM programmable power source pin.
P32
ESDA input/output
I/O
• Serial data I/O pin.
P31
ESCLK input
Input
• Serial clock input pin.
P30
ESPGMB input
Input
• Read/program pulse input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com