Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38D2 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 70Page - Renesas Technology Corp 38D2 Datasheet HTML 71Page - Renesas Technology Corp 38D2 Datasheet HTML 72Page - Renesas Technology Corp 38D2 Datasheet HTML 73Page - Renesas Technology Corp 38D2 Datasheet HTML 74Page - Renesas Technology Corp 38D2 Datasheet HTML 75Page - Renesas Technology Corp 38D2 Datasheet HTML 76Page - Renesas Technology Corp 38D2 Datasheet HTML 77Page - Renesas Technology Corp 38D2 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 74 of 131
REJ03B0177-0302
38D2 Group
Fig 73. Structure of flash memory control register 2
Figure 74 shows a flowchart for setting/releasing CPU rewrite mode.
Fig 74. CPU rewrite mode set/release flowchart be sure to execute
Flash memory control register 2
(FM CR2: address : 0FE216, initial value: 4516)
Not used (return “1” when read)
Not used (do not write “1” to this bit.)
Not used (return “1” when read)
Not used (return “0” when read)
User block 0 E/W enable bit (1, 2)
0 : E/W disabled (800016-FFFF16)
1 : E/W enabled (800016-FFFF16)
Not used (return “0” when read)
Not used (return “1” when read)
Not used (return “0” when read)
b7
b0
Notes 1: For this bit to be set to “1”, the user needs to write a “0” and then a
“1” to it in succession. For this bit to be set to “0”, write “0” only to this
bit.
2: Effective only when the CPU rewrite m ode select bit = “1”.
Table 16 State of E/W inhibition function
User block 0
E/W enable bit
User block 1
E/W enable bit
User block 0
Addresses 800016 to FFFF16
User block 1
Addresses 180016 to 7FFF16
Data block
Addresses 100016 to 17FF16
0
0
E/W disabled
E/W disabled
E/W enabled
0
1
E/W disabled
E/W enabled
E/W enabled
1
0
E/W enabled
E/W disabled
E/W enabled
1
1
E/W enabled
E/W enabled
E/W enabled
Start
Single-chip mode or Boot mode
Set CPU mode register(1)
Jump to control program transferred to internal RAM
(Subsequent operations are executed by control program in
this RAM)
Transfer CPU rewrite mode control program to internal RAM
Set CPU rewrite mode select bit to “1” (by writing “0” and
then “1” in succession)
Using software command executes erase, program, or other
operation
End
Write “0” to CPU rewrite mode select bit
Set user block 0 E/W enable bit to “1” (by writing “0” and
then “1” in succession)
Set user block 1 E/W enable bit (At E/W disabled; writing
“0” , at E/W enabled;
writing “0” and then “1” in succession
Execute read array command(2)
Set user block 0 E/W enable bit to “0”
Set user block 1 E/W enable bit to “0”
Notes 1: Set the main clock as follows depending on the clock division ratio selection bits of CPU mode register (bits 6, 7 of address 003B16).
2: Before exiting the CPU rewrite mode after completing erase or program operation, always be sure to execute the read array command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com