Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38D2 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 27Page - Renesas Technology Corp 38D2 Datasheet HTML 28Page - Renesas Technology Corp 38D2 Datasheet HTML 29Page - Renesas Technology Corp 38D2 Datasheet HTML 30Page - Renesas Technology Corp 38D2 Datasheet HTML 31Page - Renesas Technology Corp 38D2 Datasheet HTML 32Page - Renesas Technology Corp 38D2 Datasheet HTML 33Page - Renesas Technology Corp 38D2 Datasheet HTML 34Page - Renesas Technology Corp 38D2 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 31 of 131
REJ03B0177-0302
38D2 Group
TIMERS
8-Bit Timer
The 38D2 Group has four built-in 8-bit timers: timer 1, timer 2,
timer 3, and timer 4.
Each timer has the 8-bit timer latch. All timers are down-
counters.
When the timer reaches “0016”, the contents of the timer latch is
reloaded into the timer with the next count pulse. In this mode,
the interrupt request bit corresponding to that timer is set to “1”.
The count can be stopped by setting the stop bit of each timer to
“1”.
Fig. 23 Timer 1-4 block diagram
Timer 1 latch (8)
Timer 1 (8)
Timer 2 latch (8)
Timer 2 (8)
Timer 3 latch (8)
Timer 3 (8)
Timer 4 latch (8)
Timer 4 (8)
Timer 1 interrupt request
Timer 2 interrupt request
Timer 3 interrupt request
Timer 4 interrupt request
XCIN
Data bus
Timer 1 count stop bit
10 bit
PWM1
circuit
1/2
Q
Q
S
T
Timer 4 operating
mode selection bit
T4OUT output
edge switch bit
P53
latch
Timer 4 output selection bit
P53 direction
register
P53/PWM1/
T4OUT
10 bit
PWM0
circuit
1/2
Q
Q
S
T
Timer 3 operating
mode selection bit
T3OUT output
edge switch bit
P52
latch
Timer 3 output selection bit
Timer 3 output selection bit
P52 direction
register
P52/PWM0/
T3OUT
“00”
“01”
“10”
“00”
“01”
“1”
“0”
“01”
“10”
“00”
“0”
“1”
“1”
“0”
“0”
“1”
“1”
“0”
Clock for
timer 1
Clock for
timer 2
Clock for
timer 3
Clock for
timer 4
Timer 1
Timer 2
Timer 3
Timer 4
Frequency division
selection bits
(2 bits for each timer)
8
The following values can be selected
the clock for timer;
1/1,1/2,1/16,1/256
Frequency divider
1/2
Q
Q
S
T
T2OUT output
edge switch bit
Timer 2 output selection bit
“0”
“1”
P36 direction
register
P36/T2OUT/CKOUT
P36
latch
Timer 2 output selection bit
P36 clock output
control bit
System clock
φ
“1”
“0”
“10”
Timer Y
output
Timer 3 write control bit
PWM01 register (2)
PWM01 register (2)
Timer 4 write control bit
Timer 2 write control bit
Timer 1 count
source selection
bits
Timer 2 count
source selection
bits
Timer 2 count stop bit
Timer 3 count source
selection bit
Timer 3 count stop bit
Timer 4 count source
selection bits
Timer 4 count stop bit
Timer 4 output selection bit
φ SOURCE
φ SOURCE: represents the oscillation frequency of
XIN input in the frequency/2, 4 or 8 mode,
on-chip oscillator divided by 4 in the on-chip
oscillator mode,
and sub-clock in the low-speed mode.
“11”
f(XIN)
(Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com