Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38D2 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 95Page - Renesas Technology Corp 38D2 Datasheet HTML 96Page - Renesas Technology Corp 38D2 Datasheet HTML 97Page - Renesas Technology Corp 38D2 Datasheet HTML 98Page - Renesas Technology Corp 38D2 Datasheet HTML 99Page - Renesas Technology Corp 38D2 Datasheet HTML 100Page - Renesas Technology Corp 38D2 Datasheet HTML 101Page - Renesas Technology Corp 38D2 Datasheet HTML 102Page - Renesas Technology Corp 38D2 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 99 of 131
REJ03B0177-0302
38D2 Group
A/D Converter Characteristics
NOTE:
1. Confirm the recommended operating condition for main clock input frequency.
Table 26 Electrical characteristics (2)
(Vcc = 1.8 to 5.5 V, VSS = 0 V, Ta =
−20 to 85°C, f(XCIN) = 32.768 kHz, output transistors in the cut-off state, A/D
converter stopped, unless otherwise noted)
Symbol
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
VRAM
RAM hold voltage
When clock is stopped
1.8
5.5
V
ICC
Power source current
Frequency/2 mode
VCC=5.0V f(XIN)=12.5MHz
6.4
13
mA
f(XIN)=12.5MHz (in WIT state)
1.5
3.0
mA
f(XIN)=4MHz
2.2
3.0
mA
VCC=2.5V f(XIN)=4MHz
0.6
1.2
mA
f(XIN)=4MHz (in WIT state)
0.3
0.6
mA
f(XIN)=2MHz
0.4
0.8
mA
Frequency/4 mode
VCC=5.0V f(XIN)=12.5MHz
3.5
10
mA
f(XIN)=12.5MHz (in WIT state)
1.5
3.0
mA
f(XIN)=4MHz
1.5
2.5
mA
VCC=2.5V f(XIN)=8MHz
0.8
2.5
mA
f(XIN)=8MHz (in WIT state)
0.3
0.6
mA
f(XIN)=4MHz
0.5
1.0
mA
Frequency/8 mode
VCC=5.0V f(XIN)=12.5MHz
2.5
5.0
mA
f(XIN)=12.5MHz (in WIT state)
1.5
3.0
mA
f(XIN)=4MHz
1.2
1.6
mA
VCC=2.5V f(XIN)=8MHz
0.5
1.0
mA
f(XIN)=8MHz (in WIT state)
0.3
0.6
mA
f(XIN)=4MHz
0.3
0.6
mA
Low-speed mode
VCC=5.0V f(XIN)=stop
17
26
μA
in WIT state
5.5
11
μA
VCC=2.5V f(XIN)=stop
7.0
14
μA
in WIT state
3.5
7.0
μA
On-chip oscillator mode
f(XIN), f(XCIN) = stop
VCC=5.0V
270
540
μA
VCC=2.5V
35
90
μA
VCC=2.5V (in WIT state)
25
75
μA
All oscillations stopped
(in STP state)
Ta=25
°C
0.1
1.0
μA
Ta=85
°C
10
μA
Current increased
at A/D converter operating
f(XIN)=12.5 MHz, VCC=5 V
in frequency/2, 4 or 8 mode
0.5
mA
f(XIN)= stop, VCC = 5 V
in on-chip oscillator operating
0.5
mA
f(XIN) = stop, VCC = 5 V
in low-speed mode
0.4
mA
Table 27 A/D converter recommended operating condition
(Vcc = 2.0 to 5.5 V, VSS = 0V, Ta =
−20 to 85°C, output transistors in cut-off state, unless otherwise noted)
Symbol
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
VCC
Power source voltage
2.0
5.0
5.5
V
VIH
“H” input voltage ADKEY
0.9VCC
VCC
V
VIL
“L” input voltage ADKEY
00.7
× VCC−0.5
V
f(φAD)
AD converter clock frequency (1)
(Low-speed • on-chip oscillator mode excluded)
4.5V
< VCC ≤ 5.5V
6.25
MHz
4.0V
< VCC ≤ 4.5V
4.0
MHz
2.0V
< VCC ≤ 4.0V
VCC
MHz
QzROM VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com