Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38D2 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 16Page - Renesas Technology Corp 38D2 Datasheet HTML 17Page - Renesas Technology Corp 38D2 Datasheet HTML 18Page - Renesas Technology Corp 38D2 Datasheet HTML 19Page - Renesas Technology Corp 38D2 Datasheet HTML 20Page - Renesas Technology Corp 38D2 Datasheet HTML 21Page - Renesas Technology Corp 38D2 Datasheet HTML 22Page - Renesas Technology Corp 38D2 Datasheet HTML 23Page - Renesas Technology Corp 38D2 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 20 of 131
REJ03B0177-0302
38D2 Group
Fig. 13 Port block diagram (1)
(1) Ports P00-P03
(6) Port P33
(5) Port P32
(3) Port P30
Data bus
Serial I/O enable bit
Transmit enable bit
Serial I/O output
P32/TxD2 P-channel output disable bit
Port latch
Direction
register
Pull-up control
Serial I/O ready output
Data bus
Port latch
Serial I/O mode selection bit
Serial I/O enable bit
SRDY2 output enable bit
Direction
register
Pull-up control
Pull-up control
Direction
register
Data bus
Serial I/O enable bit
Receive enable bit
Serial I/O input
Port latch
(4) Port P31
Serial I/O synchronous
clock selection bit
Data bus
Serial I/O clock output
Serial I/O clock input
Serial I/O mode selection bit
Serial I/O enable bit
Port latch
Direction
register
Serial I/O enable bit
Pull-up control
(2) Ports P04-P07, P1, P2
Segment output disable bit
Direction
register
Data bus
Port latch
VL2/VL3
VL1/VSS
Key input control
Key-on wakeup
interrupt input
Segment data
Segment output disable bit
Direction
register
Data bus
Port latch
LCD power input (VL1,VL2)
only for P26, P27
VL2/VL3
VL1/VSS
Segment data
Segment output disable bit
Segment output disable bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com