Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38D2 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 85Page - Renesas Technology Corp 38D2 Datasheet HTML 86Page - Renesas Technology Corp 38D2 Datasheet HTML 87Page - Renesas Technology Corp 38D2 Datasheet HTML 88Page - Renesas Technology Corp 38D2 Datasheet HTML 89Page - Renesas Technology Corp 38D2 Datasheet HTML 90Page - Renesas Technology Corp 38D2 Datasheet HTML 91Page - Renesas Technology Corp 38D2 Datasheet HTML 92Page - Renesas Technology Corp 38D2 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 89 of 131
REJ03B0177-0302
38D2 Group
NOTES ON USE
Processor Status Register
The contents of the processor status register (PS) after a reset are
undefined, except for the interrupt disable flag (I) which is “1”.
After a reset, initialize flags which affect program execution.
In particular, it is essential to initialize the index X mode (T) and
the decimal mode (D) flags because of their effect on
calculations. Initialize these flags at biginning of the program.
Interrupt
The contents of the interrupt request bits do not change
immediately after they have been written. After writing to an
interrupt request register, execute at least one instruction before
performing a BBC or BBS instruction.
Decimal Calculations
• To calculate in decimal notation, set the decimal mode flag (D)
to “1”, then execute an ADC or SBC instruction. After
executing an ADC or SBC instruction, execute at least one
instruction before executing a SEC, CLC, or CLD instruction.
• In decimal mode, the values of the negative (N), overflow (V),
and zero (Z) flags are invalid.
Timers
The division ratio is 1/(n+1) when the value n (0 to 255) is
written to the timer latch.
Multiplication and Division Instructions
The index mode (T) and the decimal mode (D) flags do not affect
the MUL and DIV instruction.
The execution of these instructions does not change the contents
of the processor status register.
Direction Registers
The values of the port direction registers cannot be read. This
means, it is impossible to use the LDA instruction, memory
operation instruction when the T flag is “1”, addressing mode
using direction register values as qualifiers, and bit test
instructions such as BBC and BBS. It is also impossible to use bit
operation instructions such as CLB and SEB, and read-modify-
write instructions to direction registers, including calculations
such as ROR. To set the direction registers, use instructions such
as LDM or STA.
Serial Interface
In clock synchronous serial I/O, if the receive side is using an
external clock and it is to output the SRDY signal, set the transmit
enable bit, the receive enable bit, and the SRDY output enable bit
to “1”.
Serial I/O continues to output the final bit from the TXD pin after
transmission is completed.
A/D Converter
The comparator is constructed linked to a capacitor. The
conversion accuracy may be low because the charge is lost if the
conversion speed is not enough. Accordingly, set f(XIN) to at
least 500kHz during A/D conversion in the XIN mode.
Also, do not execute the STP or WIT instruction during an A/D
conversion.
In the low-speed mode, since the A/D conversion is executed by
the on-chip oscillator, the minimum value of f(XIN) frequency is
not limited.
LCD Drive Control Circuit
Execution of the STP instruction sets the LCD enable bit (bit 3 of
the LCD mode register) and bits 0 to 5 and bit 7 of the LCD
power control register to “0” and the LCD panel turns off. To
make the LCD panel turn on after returning from the stop mode,
set these bits to “1”.
Instruction Execution Time
The instruction execution time is obtained by multiplying the
frequency of the internal clock
φ by the number of cycles needed
to execute an instruction.
Power Source Voltage
When the power source voltage value of a microcomputer is less
than the value which is indicated as the recommended operating
conditions, the microcomputer does not operate normally and
may perform unstable operation.
In a system where the power source voltage drops slowly when
the power source voltage drops or the power supply is turned off,
reset a microcomputer when the power source voltage is less
than the recommended operating conditions and design a system
not to cause errors to the system by this unstable operation.
Handling of Power Source Pin
In order to avoid a latch-up occurrence, connect a capacitor
suitable for high frequencies as bypass capacitor between power
source pin (VCC pin) and GND pin (Vss pin), and between power
source pin (VCC pin) and analog power source pin (AVCC).
Besides, connect the capacitor to as close as possible. For bypass
capacitor which should not be located too far from the pins to be
connected, a ceramic capacitor of 0.1
μF is recommended.
LCD drive power supply
Power supply capacitor may be insufficient with the division
resistance for LCD power supply, and the characteristic of the
LCD panel. In this case, there is the method of connecting the
bypass capacitor about 0.1
−0.33μF to VL1 −VL3 pins. The
example of a strengthening measure of the LCD drive power
supply is shown below.
Fig. 85 Strengthening measure example of LCD drive
power supply
• Connect by the shortest
possible wiring.
• Connect the bypass capacitor
to the VL1
−VL3 pins as short
as possible.
(Referential value:0.1
−0.33 μF)
VL3
VL2
VL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com