Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38D2 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 15Page - Renesas Technology Corp 38D2 Datasheet HTML 16Page - Renesas Technology Corp 38D2 Datasheet HTML 17Page - Renesas Technology Corp 38D2 Datasheet HTML 18Page - Renesas Technology Corp 38D2 Datasheet HTML 19Page - Renesas Technology Corp 38D2 Datasheet HTML 20Page - Renesas Technology Corp 38D2 Datasheet HTML 21Page - Renesas Technology Corp 38D2 Datasheet HTML 22Page - Renesas Technology Corp 38D2 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 19 of 131
REJ03B0177-0302
38D2 Group
Notes 1: For details of how to use double/triple function ports as function I/O ports, refer to the applicable sections.
2: Make sure that the input level at each pin is either 0 V or VCC during execution of the STP instruction.
When an input level is at an intermediate potential, a current will flow from VCC to VSS through the input-stage gate.
Table 8
List of I/O port function
Pin
Name
Input/Output
I/O format
Non-port function
Related SFRs
Ref. No.
P00/SEG0/(KW4)
−
P03/SEG3/(KW7)
Port P0
Input/Output,
individual bits
CMOS compatible input level
CMOS 3-state output
LCD segment
output
Key input
(key-on wakeup)
interrupt input
Segment output disable
register 0
(1)
P04/SEG4
−
P07/SEG7
(2)
P10/SEG8
−
P17/SEG15
Port P1
Input/Output,
individual bits
CMOS compatible input level
CMOS 3-state output
Segment output disable
register 1
P20/SEG16
−
P25/SEG21
Port P2
Input/Output,
individual bits
CMOS compatible input level
CMOS 3-state output
Segment output disable
register 2
P26/SEG22/VL1
P27/SEG23/VL2
LCD power
input
P30/SRDY2/(LED0)
P31/SCLK2/(LED1)
P32/TXD2/(LED2)
P33/RXD2/(LED3)
Port P3
Input/Output,
individual bits
CMOS compatible input level
CMOS 3-state output
Serial I/O2 function I/O
PULL register
Serial I/O2 control
register
Serial I/O2 status
register
UART2 control register
(3)
(4)
(5)
(6)
P34/INT2/(LED4)
External interrupt input
PULL register
Interrupt edge selection
register
(7)
P35/TXOUT1/(LED5)
Timer X output 1
PULL register
(8)
P36/T2OUT/CKOUT
/(LED6)
Timer 2 output
Clock output
Timer X mode register
Timer 12 mode register
Clock output control
register
(9)
P37/CNTR0/TXOUT2
/(LED7)
Timer X function input
Timer X output 2
PULL register
Timer X mode register
(10)
P40/OOUT0/AN0
P41/OOUT1/AN1
Port P4
Input/Output,
individual bits
CMOS compatible input level
CMOS 3-state output
Oscillation
external
output pins
PULL register
AD control register
Oscillation output
control register
(13)
P42/AN2/ADKEY
A/D conversion input
PULL register
(11)
P43/AN3
−P45/AN5
AD control register
(12)
P46/RTP0/AN6
P47/RTP1/AN7
Real time
port function
output
PULL register
AD control register
Timer Y mode register
(13)
P50/INT0
P51/INT1
Port P5
Input/Output,
individual bits
CMOS compatible input level
CMOS 3-state output
External interrupt input
PULL register
Interrupt edge selection
register
(7)
P52/T3OUT/PWM0
P53/T4OUT/PWM1
Timer 3 output
Timer 4 output
PWM output
PULL register
Timer 34 mode register
(9)
P54/RXD1/(KW0)
P55/TXD1/(KW1)
P56/SCLK1/(KW2)
P57/SRDY1/(KW3)
Serial I/O1
function I/O
Key input
(key-on
wakeup)
interrupt input
PULL register
Serial I/O1 control
register
Serial I/O1 status
register
UART1 control register
(14)
(15)
(16)
(17)
P60/CNTR1
Port P6
Input/Output,
individual bits
CMOS compatible input level
CMOS 3-state output
Timer Y function input
PULL register
Timer Y mode register
(7)
P61/XCIN
Sub-clock oscillation circuit
PULL register
(18)
P62/XCOUT
CPU mode register
(19)
COM0
−COM3
Common Output
LCD common output
LCD mode register
(20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com