Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38D2 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 73Page - Renesas Technology Corp 38D2 Datasheet HTML 74Page - Renesas Technology Corp 38D2 Datasheet HTML 75Page - Renesas Technology Corp 38D2 Datasheet HTML 76Page - Renesas Technology Corp 38D2 Datasheet HTML 77Page - Renesas Technology Corp 38D2 Datasheet HTML 78Page - Renesas Technology Corp 38D2 Datasheet HTML 79Page - Renesas Technology Corp 38D2 Datasheet HTML 80Page - Renesas Technology Corp 38D2 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 77 of 131
REJ03B0177-0302
38D2 Group
• Block Erase Command (2016/D016)
By writing the command code “2016” in the first bus cycle and
the confirmation command code “D016” and the block address in
the second bus cycle that follows, the block erase (erase and
erase verify) operation starts for the block address of the flash
memory to be specified.
Whether the block erase operation is completed can be confirmed
by read status register or the RY/BY status flag of flash memory
control register. To read the status register, write the status
register command “7016”. The status register bit 7 (SR7) is set to
“0” at the same time the block erase operation starts and returned
to “1” upon completion of the block erase operation. The read
status mode at this time remains active until the read array
command (“FF16”) is written.
The RY/BY status flag register is set to “0” during block erase
operation and “1” when the block erase operation is completed as
is the status register bit 7 (SR7).
After the block erase ends, erase results can be checked by
reading the status register. For details, refer to the section where
the status register is detailed.
Fig 76. Erase flowchart
Write “2016”
Write “D016”
Block address
Read status register
SR7 =
“1”?
or
RY/BY =
“1”?
Erase completed
(write read command “FF16”)
NO
YES
Start
SR5 = “0”?
Erase error
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com