Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8203D Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV8203D
Description  MULTISTANDARD TV SOUND DEMODULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8203D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV8203D Datasheet HTML 7Page - STMicroelectronics STV8203D Datasheet HTML 8Page - STMicroelectronics STV8203D Datasheet HTML 9Page - STMicroelectronics STV8203D Datasheet HTML 10Page - STMicroelectronics STV8203D Datasheet HTML 11Page - STMicroelectronics STV8203D Datasheet HTML 12Page - STMicroelectronics STV8203D Datasheet HTML 13Page - STMicroelectronics STV8203D Datasheet HTML 14Page - STMicroelectronics STV8203D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
SIF1
DAC
DIGITAL
DEMODULATATION
Analog
Switch
AOL1
or AOR1
STV8203
Figure 8 : Synoptic A
Analog
Switch
AOL1 or 2
or
AOR1 or 2
STV8203
AIL1 or 2
or
AIR1 or 2
Figure 8 : Synoptic A
ELECTRICAL CHARACTERISTICS (Tamb =25
oC, unless otherwise specified) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
FM DEMODULATION PATH (see Figure 8)
fRESP
Frequency Response
20Hz - 15kHz
-1.0
+1.0
dB
SNR FM
Signal to Noise
100mVRMS, unweighted 20Hz-15kHz,
Output 2VRMS @ 1kHz
65
dB
THD FM
Total Harmonic Distortion
Output signal 1VRMS @ 1kHz,
50kHz FM deviation
0.2
%
SEP FM
German Stereo Channel
Separation
40
dB
AMR
AM Rejection
SIF = 100mVRMS
30% modulation @ 1kHz
60
dB
VFMOUT
Maximum Output Swing
2
VRMS
NICAM DEMODULATION PATH (see Figure 8)
SNR NIC Signal to Noise
100mVRMS, unweighted 20Hz-15kHz,
Output 2VRMS @ 1kHz
72
dB
THD NIC Total Harmonic Distortion
Output signal 1VRMS @ 1kHz
0.07
%
VNICOUT
Maximum Output Swing
2
VRMS
SEP NIC Channel Separation
60
dB
AUDIO MATRIX (see Figure 9)
RIN
Input Resistance
30
k
Ω
VCL
Input Clipping Level
AVCC =8V
AVCC =5V
2
1
VRMS
VRMS
GMAT
Prescaling = 0
VIN =1VRMS, 15Hz to 15kHz
-0.5
0
0.5
dB
ROUT
Output Resistance
All audio output except Mono output
Mono output
200
400
Ω
Ω
SNR
Signal to Noise Ratio
Preline in = 0,
VOUT =2VRMS, unweighted 20Hz-15kHz
90
dB
XLR
Audio L to R Channel Crosstalk
2VRMS @ 1kHz
60
dB
X12
Audio Crosstalk from Channel 1
to Channel 2
80
dB
STV8203
11/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com