Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8203D Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV8203D
Description  MULTISTANDARD TV SOUND DEMODULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8203D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV8203D Datasheet HTML 8Page - STMicroelectronics STV8203D Datasheet HTML 9Page - STMicroelectronics STV8203D Datasheet HTML 10Page - STMicroelectronics STV8203D Datasheet HTML 11Page - STMicroelectronics STV8203D Datasheet HTML 12Page - STMicroelectronics STV8203D Datasheet HTML 13Page - STMicroelectronics STV8203D Datasheet HTML 14Page - STMicroelectronics STV8203D Datasheet HTML 15Page - STMicroelectronics STV8203D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
PROGRAMMING THE DEVICE
1- I
2C Address and Protocol
Write
S
80
A
SUB-ADDRESS
A
DATA
A
DATA
A
P
Read
S
80
A
SUB-ADDRESS
A
P
S
81
A
DATA
A
DATA
N
S = Start, A = Acknowledge, P = Stop, N = No acknowledge.
Sub-address is the register address pointer ; this value auto-increments for both write and read.
2 - List of Registers
Registers not controlled by AUTOSTANDARD, except bits marked ”*” which are controlled
Name
Addr.
(Hex)
Reset
(Bin)
Register Function /Description
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
SWD (Switch, Dematrix & De-emphasis)
PRE-FM
2
0001 1101
0
0
0
Fm Prescale [4:0]
PRE-NICAM
3
0001 1101
0
0
0
Nicam Prescale [4:0]
STD-CT-IIS
4
0001 1000
0
0
gain
demoff
mute *
SWD [2:0] *
FMDC1
5
read only
FM DC level 1
FMDC2
6
read only
FM DC level 2
AUDIO MATRIX
PRE-LINE-IN
7
0000 1000
IF Switch
AGC
Switch off
0
0
Line Inputs Gain [3:0]
AUD-MX-CNT
8
0010 0010
mout1
S1 o/p select
mout0
S2 o/p select
NICAM
NICON
9
0000 0000
dif-pol
0
TSCTRL [1:0]
ECT
MAE
0
0
ERR-COUNT
A
read only
error [7:0]
AUTOSTANDARD
AO-STAT0
B
read only
std-det
sid1
sid0
aomute
am-mono
SWD [2:0] (monitor)
AO-STAT1
C
read only
fm2-car
fm2-sq
fm1-car
fm1-sq
qpsk-lk
zw-det
zw-st
zw-dm
AO-STAT2
D
read only
nic-det
f-mute
LOA
Nicam CBI [4:1]
n-mute
AO-CONTROL
E
0001 1111
mute ov
mono ov
unmute
C4 ov
standard check [3:0]
AO-TIMEOUT
F
1010 0101
Time 2 setting (1280ms)
Time 1 setting (160ms)
ZWEITON
ZWEITON
10
1000 1000
Thresh-Sig [3:0]
Thresh-ST [3:0]
DEMODULATOR
AGCC
11
0001 0001 agc-cmd*
0
0
agc-ref [2:0]
agc-cst[1:0]
AGCS
12
0100 00xx
0
agc-err [4:0]
sig-ovr
sig-und
IAGCR
14
1000 1000
Iagc-ref [7:0]
IAGCC
15
0000 0011
iagc-off*
0
0
0
0
Iagc-cst[2:0]
IAGCS
16
read only
Iagc-Ctrl [7:0]
FFFIXL
17
0000 0000
Clock Generator Fine Frequency (8 lsb’s)
FFFIXH
18
0110 1110
0
demod mode M2:M0*
clock gen fine freq (4 msb’s)
FCFIX
19
0001 0001
0
0
Clock Generator Coarse Frequency
CRF2
20
0000 0000
Channel 2 Carrier Recovery Frequency
CETH2
21
0011 0101
Channel 2 carrier-th [7:0]
SQTH2
22
0011 1100
Channel 2 squelch-th [7:0]
Range of Registers Controlled by AUTOSTANDARD Function (address 23 Hex to 3C Hex)
CRF1
3D
0000 0000
Channel 1 Carrier Recovery Frequency
CETH1
3E
0011 0101
Channel 1 carrier-th [7:0]
SQTH1
3F
0011 1100
Channel 1 squelch-th [7:0]
STV8203
12/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com