Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8203D Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV8203D
Description  MULTISTANDARD TV SOUND DEMODULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8203D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV8203D Datasheet HTML 10Page - STMicroelectronics STV8203D Datasheet HTML 11Page - STMicroelectronics STV8203D Datasheet HTML 12Page - STMicroelectronics STV8203D Datasheet HTML 13Page - STMicroelectronics STV8203D Datasheet HTML 14Page - STMicroelectronics STV8203D Datasheet HTML 15Page - STMicroelectronics STV8203D Datasheet HTML 16Page - STMicroelectronics STV8203D Datasheet HTML 17Page - STMicroelectronics STV8203D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
3 - Register Description
PROGRAMMING THE DEVICE (continued)
3.1 - Registers Not Controlled By Autostandard (except some mentioned bits)
PRE-FM (Prescale FM Level)
Address
: 02
Type
: R/W
Reset
: 0001 1101
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0
0
0
FM PRESCALE
FM PRESCALE : 00000
01100
10100
0dB
+12dB
-12dB
(step size = 1dB, range =
±12dB in 2’s complement)
Sets the reference level for an FM signal. Note, this is also dependant on the PLL programming. For
example, with default settings for the PLL, an FM deviation of 27kHz will result in a signal 17dB below full
scale before de-emphasis. At 1kHz, the internal de-emphasis gain is 14dB giving a level of -3dB. Full scale
output from the DAC is 2VRMS corresponding to 0dB. and so for 1VRMS, PRE-FM should be set to -3dB.
PRE-NICAM (Prescale NICAM Level)
Address
: 03
Type
: R/W
Reset
: 0001 1101
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0
0
0
NICAM PRESCALE
NICAM PRESCALE : 00000
01100
10100
0dB
+12dB
-12dB
(step size = 1dB, range =
±12dB in 2’s complement)
Sets the reference level for a NICAM signal. For example, a full scale NICAM signal at 1kHz would be
received at -12dB before de-emphasis. Internal de-emphasis gain at this frequency is 9dB so for 1VRMS,
pre-nicam should be set to -3dB.
STV8203
14/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com