Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8203D Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV8203D
Description  MULTISTANDARD TV SOUND DEMODULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8203D Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV8203D Datasheet HTML 17Page - STMicroelectronics STV8203D Datasheet HTML 18Page - STMicroelectronics STV8203D Datasheet HTML 19Page - STMicroelectronics STV8203D Datasheet HTML 20Page - STMicroelectronics STV8203D Datasheet HTML 21Page - STMicroelectronics STV8203D Datasheet HTML 22Page - STMicroelectronics STV8203D Datasheet HTML 23Page - STMicroelectronics STV8203D Datasheet HTML 24Page - STMicroelectronics STV8203D Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ZWEITON (Pilot Carrier and Tone Detector Thresholds)
Address
: 10
Type
: R/W
Reset
: 1000 1000
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
THRESH-SIG
THRESH-ST
THRESH-SIG : Pilot Carrier Level Threshold
Set the sensitivity for the pilot carrier detector.
THRESH-ST
: Detected Tone Level Threshold
Set the detection threshold level for stereo and dual mono (bi-lingual) tones.
Power on default values give a detection threshold corresponding to a modulated pilot carrier S/N of 0dB
(700Hz BW) and a S/N of 40dB for the recovered audio.
AGCC (AGC Control for ADC)
Address
: 11
Type
: R/W
Reset
: 0001 0001
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
AGC-CMD
0
0
AGC-REF
AGC-CST
AGC-CMD : 1 = manual/forced mode, 0 = automatic mode
Normally set to 0 enabling automatic mode. In the case of system L/L’, due to the presence
of the AM sound carrier, the AGC should be switched off. In this case, a fixed gain value
should be set using the AGCS register (see below).
This bit is controlled by AUTOSTANDARD when this function is activated.
AGC-REF : Defines the clipping level.
Adjust the allowable proportion of samples at the input of the ADC which will be clipped; the
AGC tries to maximise the use of the full scale range of the ADC. The default setting gives
a ratio of 1/256.
AGC-REF [4:2]
Clipping Ratio
000
1/16 (single carrier)
001
1/32
010
1/64
011
1/128
100
1/256
101
1/512
110
1/1024
111
1/2048 (multiple carriers)
AGC-CST : AGC time constant between each step of 1.25dB.
For a 27MHz XTAL => 00 = 1.21ms, 01 = 2.43ms, 10 = 4.85ms, 11 = 9.7ms.
The adjustment is a compromise between settling time and noise immunity.
PROGRAMMING THE DEVICE (continued)
STV8203
21/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com