Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8203D Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV8203D
Description  MULTISTANDARD TV SOUND DEMODULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8203D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV8203D Datasheet HTML 13Page - STMicroelectronics STV8203D Datasheet HTML 14Page - STMicroelectronics STV8203D Datasheet HTML 15Page - STMicroelectronics STV8203D Datasheet HTML 16Page - STMicroelectronics STV8203D Datasheet HTML 17Page - STMicroelectronics STV8203D Datasheet HTML 18Page - STMicroelectronics STV8203D Datasheet HTML 19Page - STMicroelectronics STV8203D Datasheet HTML 20Page - STMicroelectronics STV8203D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
NICON (NICAM Control)
Address
: 09
Type
: R/W
Reset
: 0000 0000
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
DIF-POL
0
TSCTRL
ECT
MAE
0
0
DIF-POL
: controls the polarity of the Q channel in the DQPSK decoder. Its default value is correct for
Nicam B/G/L and so does not need to be changed.
TSCTRL
: These two bits are programmed to chose the decision mode for the zweiton detector as
following :
00
01
10
11
:
:
:
:
2 decisions with 1024 samples accumulation
3 decisions with 1024 samples accumulation
2 decisions with 2048 samples accumulation
3 decisions with 2048 samples accumulation
ECT
: bit error rate counting time : 0 = 128ms, 1 = 64ms
MAE
: max allowed errors : 0 = 511, 1 = 255
Bits 2 and 3 adjust the bit error rate (approximate) at which the Nicam decoder mutes; a fixed
hysteresis is provided so that the decoder will unmute only when the BER has dropped to
one quarter of that for muting :
ECT
MAE
BER Muting Threshold
0
0
1 in 112
0
1
1 in 224
10
1 in 56
1
1
1 in 112
ERR-COUNT (Nicam Error Counter)
Address
: 0A
Type
: R
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
ERROR
Error Signals Count (averaged over time ECT above)
The value in this register, updated every 64ms or 128ms, gives an indication of the Nicam bit error rate. It
can therefore be used to mute the decoder at an error rate below 1 in 56 (=FF if ECT= 64ms).
PROGRAMMING THE DEVICE (continued)
STV8203
17/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com