Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8203D Datasheet(PDF) 18 Page - STMicroelectronics

Part # STV8203D
Description  MULTISTANDARD TV SOUND DEMODULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8203D Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STV8203D Datasheet HTML 14Page - STMicroelectronics STV8203D Datasheet HTML 15Page - STMicroelectronics STV8203D Datasheet HTML 16Page - STMicroelectronics STV8203D Datasheet HTML 17Page - STMicroelectronics STV8203D Datasheet HTML 18Page - STMicroelectronics STV8203D Datasheet HTML 19Page - STMicroelectronics STV8203D Datasheet HTML 20Page - STMicroelectronics STV8203D Datasheet HTML 21Page - STMicroelectronics STV8203D Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
AO-STAT0 (AUTOSTANDARD Status 0)
Address
: 0B
Type
: R
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
STD-DET
SID1
SID0
AOMUTE
AM-MONO
SWD (MONITOR)
STD-DET
: Standard Detection :
0 = no standard detected
1 = indicates that an expected standard has been identified.
SID [1:0]
: Standard Identification of the demodulator input
indicate the standard which has been identified :
SID[1:0]
Standard
00
I FM/NICAM
01
B/G FM - Zweiton
10
B/G FM/NICAM
11
L/L’ AM/NICAM
AOMUTE
: Audio Output Mute
indicates that the audio outputs are muted (=1); only when the demodulator is selected as
audio source. This would be the case during standard search or no signal found.
AM-MONO
: AM selected
indicates if the AM input (MIN) has been selected (=1); normally used for system L.
SWD
: Switch Dematrix Mode
indicate the setting of the SWD block :
SWD[2:0]
Mode description
De-emphasis
000
FM CH1 mono
50
µs
001
Zweiton mono (CH1)
010
Zweiton dual mono
011
Zweiton stereo
100
Unused
Unused
101
NICAM mono
J-17
110
NICAM dual mono
111
NICAM stereo
AO-STAT1 (AUTOSTANDARD Status 1 ; demodulator signal detectors)
Address
: 0C
Type
: R
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
FM2-CAR
FM2-SQ
FM1-CAR
FM1-SQ
QPSK-LK
ZW-DET
ZW-ST
ZW-DM
FM2-CAR
: FM2 Carrier Detector Lock
FM2-SQ
: FM2 Squelch Detector Lock
FM1-CAR
: FM1 Carrier Detector Lock
FM1-SQ
: FM1 Squelch Detector Lock
QPSK-LK
: QPSK Lock
ZW-DET
: Zweiton Pilot Lock
ZW-ST
: Zweiton Stereo Lock
ZW-DM
: Zweiton Dual Mono Lock
This register allows direct access to the demodulator signal detectors ; 1 = detected.
PROGRAMMING THE DEVICE (continued)
STV8203
18/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com