Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8203D Datasheet(PDF) 24 Page - STMicroelectronics

Part # STV8203D
Description  MULTISTANDARD TV SOUND DEMODULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8203D Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STV8203D Datasheet HTML 20Page - STMicroelectronics STV8203D Datasheet HTML 21Page - STMicroelectronics STV8203D Datasheet HTML 22Page - STMicroelectronics STV8203D Datasheet HTML 23Page - STMicroelectronics STV8203D Datasheet HTML 24Page - STMicroelectronics STV8203D Datasheet HTML 25Page - STMicroelectronics STV8203D Datasheet HTML 26Page - STMicroelectronics STV8203D Datasheet HTML 27Page - STMicroelectronics STV8203D Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
CRF2 - CRF1 (FM/QPSK PLL Demodulator Offset)
Address
: 20-3D
Type
: R/W
Reset
: 0000 0000
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
CHANNEL 2 or CHANNEL 1 CARRIER RECOVERY FREQUENCY
This register provides access to the instantaneousfrequency of the PLL (2’s complement). If written to, it
will preset the DCO frequency; if read it provides the instantaneousfrequencyoffset of the PLL’s and could
be used for an AFC function.
CETH2 - CETH1 (FM Carrier Level Threshold)
Address
: 21-3E
Type
: R/W
Reset
: 0011 0101
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
CHANNEL 2 or CHANNEL 1 CARRIER-THRESHOLD
These registers, which perform the same function in channel 1 and channel 2, compare the carrier level in
the channel against the threshold value. This level is measured after the channel filter and is relative to the
full scale reference level (0dB).
This is used as part of the validation of an FM signal, if the carrier level is below the threshold, the signal
is considered to be non-valid.
CETH
Threshold (dB)
255
-6
128
-12
64
-18
32
-24
....
....
0
OFF
If CETH is OFF, any carrier level will be accepted.
The reset value is 53, it means a threshold of -20dB.
SQTH2- SQTH1 (FM Squelch Threshold)
Address
: 22-3F
Type
: R/W
Reset
: 0011 1100
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
CHANNEL 2 or CHANNEL 1 SQUELCH-THRESHOLD
The squelch detector measures the level of high frequencynoise (>40kHz) and comparesit to the threshold
SQTH. If the level is below this value, the S/N of the FM signal is considered to be acceptable.
Values are given for FM with
±50kHz deviation :
SQTH
S/N (dB)
250
0
119
10
60
15
35
20
22
25
The reset value is 60, it means a SNR of 15dB.
PROGRAMMING THE DEVICE (continued)
STV8203
24/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com