Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8203D Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV8203D
Description  MULTISTANDARD TV SOUND DEMODULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8203D Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV8203D Datasheet HTML 11Page - STMicroelectronics STV8203D Datasheet HTML 12Page - STMicroelectronics STV8203D Datasheet HTML 13Page - STMicroelectronics STV8203D Datasheet HTML 14Page - STMicroelectronics STV8203D Datasheet HTML 15Page - STMicroelectronics STV8203D Datasheet HTML 16Page - STMicroelectronics STV8203D Datasheet HTML 17Page - STMicroelectronics STV8203D Datasheet HTML 18Page - STMicroelectronics STV8203D Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
STD-CT-IIS (SWD Control)
Address
: 04
Type
: R/W
Reset
: 0001 1000
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0
0
GAIN
DEMOFF
MUTE
SWD
GAIN
: which should normally be set to its default value, can be used to change the dematrix gain
for CH1 = L+R.
dematrix gain : 0 : channel 1 = L/2+R/2, 1 : channel 1 = L+R
DEMOFF
: bypasses the FM or Nicam de-emphasis : 1 = de-emphasis off
MUTE
: mutes the DAC (FM or Nicam) : 1 = DAC muted
(only effective if the AUTOSTANDARD function is off)
SWD
: Bits allow control of the mode of the switch/dematrix function as shown below.
(only effective if the AUTOSTANDARD function is off)
[2:0]
De-emphasis
Description
NICON[1:0]
Left
Right
000
50
µs
FM CH1 mono
X
D1
D1
001
Zweiton mono
X
D1
D1
010
Zweiton dual mono
00
D1
D2
01
D2
D2
10
D1
D1
11
D2
D1
011
Zweiton stereo
X
DSL
DSR
100
not used
101
J17
Nicam mono
X
N1
N1
110
Nicam dual mono
00
N1
N2
01
N2
N2
10
N1
N1
11
N2
N1
111
Nicam stereo
X
NSL
NSR
D1 = FM audio from CH1, D2 = FM audio from CH2, DS = dematrixed Zweiton stereo.
N1 = Nicam M1, N2 = Nicam M2, NS = Nicam stereo.
These bits are controlled by AUTOSTANDARD when this function is activated.
FMDC1, FMDC2 (FM DC Level)
Address
: 05-06
Type
: R
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
FM DC LEVEL 1 OR FM DC LEVEL 2
FM Frequency offset (dependent on the PLL coefficients).
This value (2’s complement) is proportional to the DC offset, measured below 20Hz, of an FM signal. It
could be used to implement an AFC for FM signals.
PROGRAMMING THE DEVICE (continued)
STV8203
15/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com