Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8203D Datasheet(PDF) 28 Page - STMicroelectronics

Part # STV8203D
Description  MULTISTANDARD TV SOUND DEMODULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8203D Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STV8203D Datasheet HTML 23Page - STMicroelectronics STV8203D Datasheet HTML 24Page - STMicroelectronics STV8203D Datasheet HTML 25Page - STMicroelectronics STV8203D Datasheet HTML 26Page - STMicroelectronics STV8203D Datasheet HTML 27Page - STMicroelectronics STV8203D Datasheet HTML 28Page - STMicroelectronics STV8203D Datasheet HTML 29Page - STMicroelectronics STV8203D Datasheet HTML 30Page - STMicroelectronics STV8203D Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
SCOEFF (Symbol Tracking Loop Filter Coefficients)
Address
: 2F
Type
: R/W
Reset
: 0001 1100
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
DMX-OF
0
PLF_A
PLF_B
DMX-OF : Symbol tracking control : 0 = QPSK, 1 = FM.
In QPSK mode, the symbol tracking loop is closed.
PLF_A
: A coefficient (proportional)
Programme the symbol tracking loop filter proportional coefficient A :
PLF_A [5:3]
Value
000
0
001
1
010
2
011
4
100
8
101
16
110
32
111
Not used
PLF_B
: B coefficient (integral)
Program the symbol tracking loop filter integral coefficient B :
PLF_B [2:0]
Value
000
0
001
1/16
010
1/32
011
1/64
100
1/128
101
1/256
110
1/512
111
1/1024
SRF (Symbol Tracking Loop Frequency)
Address
: 30
Type
: R/W
Reset
: 0000 0000
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
SYMBOL RECOVERY FREQUENCY
This register provides access to the control signal for the symbol tracking loop (2’s complement). If read,
it indicates a value proportional to the symbol tracking frequency error. If written to, it will preset the
frequency error.
SRF [7:0]
Approx. Error (kHz)
10000000
-8
00000000
0
01111111
+8
RESET
After a reset sequence, all the registers controllable by AUTOSTANDARD function (FIR, COFQ, FIFQ,
ACOEFF, BCOEFF, SCOEFF, SRF) are adjusted for the standard I configuration (channel 1 to FM mono
mode and channel 2 to QPSK mode).
PROGRAMMING THE DEVICE (continued)
STV8203
28/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com