Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8203D Datasheet(PDF) 23 Page - STMicroelectronics

Part # STV8203D
Description  MULTISTANDARD TV SOUND DEMODULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8203D Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STV8203D Datasheet HTML 19Page - STMicroelectronics STV8203D Datasheet HTML 20Page - STMicroelectronics STV8203D Datasheet HTML 21Page - STMicroelectronics STV8203D Datasheet HTML 22Page - STMicroelectronics STV8203D Datasheet HTML 23Page - STMicroelectronics STV8203D Datasheet HTML 24Page - STMicroelectronics STV8203D Datasheet HTML 25Page - STMicroelectronics STV8203D Datasheet HTML 26Page - STMicroelectronics STV8203D Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
IAGCS (Internal AGC Control Value)
Address
: 16
Type
: R
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
IAGC-CTRL
Indicates the value of the internal AGC control signal.
Normally, the mean value should equal the value set in the IAGCR register when a signal is being
demodulated.
FFFIXL (Clock Generator Fine frequency)
Address
: 17
Type
: R/W
Reset
: 0000 0000
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
CLOCK GENERATOR FINE FREQUENCY (8 LSB’s)
See FCFIX register for explanation.
FFFIXH (Clock Generator and Fine Frequency Control)
Address
: 18
Type
: R/W
Reset
: 0110 1110
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0
DEMOD MODE M2:M0
CLOCK GEN FINE FREQ (4 MSB’s)
DEMOD MODE M2:M0
: Controls the demodulator mode (only when register Ehex bits[3:0] = 0000) :
MODE[6:4]
CH1 FM
CH2 FM/QPSK
X00
Normal
FM Normal
X01
Wide
FM Wide
010
Normal
QPSK System B/G/L
011
Wide
QPSK System B/G/L
110
Normal
QPSK System I
111
Wide
QPSK System I
The FM discriminator modulation full range can be set at :
- narrow mode : 250kHz (
± 125kHz),
- wide mode : 500kHz (
± 250kHz).
CLOCK GEN FINE FREQ : Clock generator fine frequency (4 MSB’s) ( see FCFIX for explanation).
FCFIX (Clock Generator Coarse Frequency)
Address
: 19
Type
: R/W
Reset
: 0001 0001
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0
0
CLOCK GENERATOR COARSE FREQUENCY
The bits [5:0] together with FFFIXH bits [3:0] and FFFIXL bits [7:0] can be used to programme the internal
clock generator for different quartz crystal frequencies ; the default value is for 27MHz.
P
= 182 ⋅
Fref
Fqpsk
− 193 with Fref = crystal frequency, Fqpsk = 32 x 728kHz = 23.296MHz.
FCFIX = INT(P)
(INT: integer part)
FFFIX = 256 x (16 x REM(P) - 1)
(REM: fractional remainder)
Note that 0
≤ FFFIX <3840 so there is a small range of frequencieswhich cannot be used.
Example : Fref = 27MHz, FCFIX = 17, FFFIX = 3584.
PROGRAMMING THE DEVICE (continued)
STV8203
23/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com