Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8203D Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV8203D
Description  MULTISTANDARD TV SOUND DEMODULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8203D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV8203D Datasheet HTML 9Page - STMicroelectronics STV8203D Datasheet HTML 10Page - STMicroelectronics STV8203D Datasheet HTML 11Page - STMicroelectronics STV8203D Datasheet HTML 12Page - STMicroelectronics STV8203D Datasheet HTML 13Page - STMicroelectronics STV8203D Datasheet HTML 14Page - STMicroelectronics STV8203D Datasheet HTML 15Page - STMicroelectronics STV8203D Datasheet HTML 16Page - STMicroelectronics STV8203D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Registers controllable by AUTOSTANDARD
Name
Addr.
(Hex)
Reset
(Bin)
Register Function/Description
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
DEMODULATOR CHANNEL 2
FIR2CO
23
0000 0000
FIR2 coefficient 0
FIR2C1
24
0000 0000
FIR2 coefficient 1
FIR2C2
25
0000 0000
FIR2 coefficient 2
FIR2C3
26
0000 0000
FIR2 coefficient 3
FIR2C4
27
1111 1111
FIR2 coefficient 4
FIR2C5
28
0000 0100
FIR2 coefficient 5
FIR2C6
29
0001 0100
FIR2 coefficient 6
FIR2C7
2A
0010 0101
FIR2 coefficient 7
COFQ2
2B
0000 1100
0
0
Channel 2 DCO Coarse Frequency
FIFQ2
2C
1100 0100
Channel 2 DCO Fine Frequency (8lsb’s)
ACOEFF2
2D
1001 0000
dmd sw2
0
Coarse A2
Sign A2
Fine A2
BCOEFF2
2E
1010 1100
sat sw2
0
dco2 gain
B2
SCOEFF
2F
0001 1100
dmx-of
0
plf_A
plf_B
SRF
30
0000 0000
Symbol Recovery Frequency
DEMODULATOR CHANNEL 1
FIR1CO
31
0000 0000
FIR1 coefficient 0
FIR1C1
32
1111 1110
FIR1 coefficient 1
FIR1C2
33
1111 1100
FIR1 coefficient 2
FIR1C3
34
1111 1101
FIR1 coefficient 3
FIR1C4
35
0000 0010
FIR1 coefficient 4
FIR1C5
36
0000 1101
FIR1 coefficient 5
FIR1C6
37
0001 1000
FIR1 coefficient 6
FIR1C7
38
0001 1111
FIR1 coefficient 7
COFQ1
39
0000 1011
0
0
Channel 1 DCO Coarse Frequency
FIFQ1
3A
1100 0111
Channel 1 DCO Fine Frequency (8lsb’s)
ACOEFF1
3B
0010 0011
dmd sw1
0
Coarse A1
Sign A1
Fine A1
BCOEFF1
3C
0001 0010
sat-sw1
0
dco1 gain
B1
Note : This register must be kept to ”0”.
RESERVED
1
00000000
0
0000000
PROGRAMMING THE DEVICE (continued)
STV8203
13/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com