Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8203D Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV8203D
Description  MULTISTANDARD TV SOUND DEMODULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8203D Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV8203D Datasheet HTML 12Page - STMicroelectronics STV8203D Datasheet HTML 13Page - STMicroelectronics STV8203D Datasheet HTML 14Page - STMicroelectronics STV8203D Datasheet HTML 15Page - STMicroelectronics STV8203D Datasheet HTML 16Page - STMicroelectronics STV8203D Datasheet HTML 17Page - STMicroelectronics STV8203D Datasheet HTML 18Page - STMicroelectronics STV8203D Datasheet HTML 19Page - STMicroelectronics STV8203D Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
PRE-LINE-IN (IF Input Selection and Audio Matrix Gain Control)
Address
: 07
Type
: R/W
Reset
: 0000 1000
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
IF SWITCH
AGC SWITCH OFF
0
0
LINE INPUTS GAIN
IF SWITCH
: IF Input Switch
controls the IF input selection (0 = IF1).
AGC SWITCH OFF
: can be used to switch-off the AGC amplifier..
LINE INPUTS GAIN : allow the levels of the analog line inputs (SCART1, SCART2 and MONO) to be
adjusted simultaneously.
1000
0010
1110
0dB
-6dB
+6dB
(default setting)
(step size = 1dB, range =
±6dB)
AUD-MX-CNT (Audio Matrix Control)
Address
: 08
Type
: R/W
Reset
: 0010 0010
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
MOUT1
S1 O/P SELECT
MOUT0
S2 O/P SELECT
These 8 bits are used to control the audio matrix configuration (see Figure 1).
Data bits
Actual Function Selected
7
654
321
0
Reset : AO1 and AO2 = DAC and MOUT = (L1+R1)/2
X
XXXX
0
0
0
AO2 = Muted
X
XXXX
0
0
1
AO2 = Muted
X
XXXX
0
1
0
AO2 = AO1 (reset state)
X
XXXX
0
1
1
AO2 = LI1 (Scart 1 input)
X
XXXX
1
0
0
AO2 = Muted
X
XXXX
1
0
1
AO2 = Muted
X
XXXX
1
1
0
AO2 = Muted
X
XXXX
1
1
1
AO2 = Muted
X
0
0
0
X
X
X
X
AO1 = Muted
X
0
0
1
X
X
X
X
AO1 = MIN
X
0
1
0
X
X
X
X
AO1 = DAC (reset state)
X
0
1
1
X
X
X
X
AO1 = Muted
X
1
0
0
X
X
X
X
AO1 = LI2 (Scart 2 input)
X
1
0
1
X
X
X
X
AO1 = Muted
X
1
1
0
X
X
X
X
AO1 = Muted
X
1
1
1
X
X
X
X
AO1 = Muted
0
X
X
X
0
X
X
X
MOUT = (L1+R1)/2 (reset state)
0
XXX
1
XXX
MOUT = R1
1
XXX
0
XXX
MOUT = L1
1
X
X
X
1
X
X
X
Not used
PROGRAMMING THE DEVICE (continued)
STV8203
16/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com