Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8203D Datasheet(PDF) 20 Page - STMicroelectronics

Part # STV8203D
Description  MULTISTANDARD TV SOUND DEMODULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8203D Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STV8203D Datasheet HTML 16Page - STMicroelectronics STV8203D Datasheet HTML 17Page - STMicroelectronics STV8203D Datasheet HTML 18Page - STMicroelectronics STV8203D Datasheet HTML 19Page - STMicroelectronics STV8203D Datasheet HTML 20Page - STMicroelectronics STV8203D Datasheet HTML 21Page - STMicroelectronics STV8203D Datasheet HTML 22Page - STMicroelectronics STV8203D Datasheet HTML 23Page - STMicroelectronics STV8203D Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
AO-CONTROL (AUTOSTANDARD Control)
Address
: 0E
Type
: R/W
Reset
: 0001 1111
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
MUTE OV
MONO OV
UNMUTE
C4 OV
STANDARD CHECK
AUTOSTANDARD controls the audio matrix when the user has selected the DAC as source (AUD-MX-
CNT bits[6:4] = 010). In this case it will mute the outputs or select MIN. These functions can be overriden
by bits 6 and 7 below.
MUTE OV
: Mute override, 1 = mute (override AUTOSTANDARD)
forces the audio signal to be muted.
MONO OV
: FM/AM Mono override, 1 = mono (override AUTOSTANDARD) forces
can be used to force to analoguesound. This may be useful in the case of marginal NICAM
reception to prevent automatic switching.
AUD-MX-CNT bits[6:4]
bit 7
bit 6
AO1 source
010
0
0
DAC
X
1
MIN (in case of L/L’ standard)
0
1
FM (in case of B/G or I standard)
1
1
Muted (in case of B/G or I standard)
1
0
Muted
UNMUTE
: Nicam Un-mute, 1 = unmute
allows the NICAM decoder to be unmuted if the bit error rate is higher than the preset limit;
this overrides the automatic switching to FM or AM which would normally occur.
C4 OV
: CBI4 override, 1 => CBI[4] forced to 1 internally
is used to override the 4th NICAM control bit (reserve sound switch) if required. This bit is
transmitted by the broadcaster to indicate that the analogue sound carrier is a backup of
the NICAM signal; this is usually the case. If the NICAM signal fails, the STV8203 will
automatically switch to backup sound if the received bit was set to 1. If this bit was set to
0 and bit 4 set to 0, the decoder will stay switched to analogue sound. If bit 4 is set to 1,
the received CBI4 is ignored. Note that if automatic standard is off, switching between
analogue and NICAM audio must be done manually.
STANDARD
CHECK
: Controlthechoiceoftransmissionstandardstobesearchedforbytheautomaticstandardfunction
(standardsearchactive whenbit= 1).The morechoices,thelongerthesearch time. Ifthesystem
in use can be identified by the characteristics of the video signal, for example by the chroma
demodulator,then only a single bit needs to be set. In this case, the AUTOSTANDARD function
willprogram thedemodulatorfor thechosenstandard.If no bits areset,the AUTOSTANDARD
function is disabled andall registers need to be set manually.
bit 3 - Run check for standard 3 (L/L’ - AM/NICAM)
bit 2 - Run Check for Standard 2 (B/G - FM/NICAM)
bit 1 - Run check for standard 1 (B/G - Stereo)
bit 0 - Run check for standard 0 (I - FM/NICAM)
AO-TIMEOUT (AUTOSTANDARD Timer Adjustment)
Address
: 0F
Type
: R/W
Reset
: 1010 0101
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
TIME 2 SETTING
TIME 1 SETTING
Time 1 is used for NICAM and FM mono validation and time 2 for Zweiton. If the standard is not found
within this time limit, the next standard will be tried. Time 1 = decimal [bit 3:0] x 32ms. Time 2 = deci-
mal [bit 7:4] x 128ms. Time 1 default value is 160ms. Time 2 default value is 1280ms.
A time of 0ms should not be programmed.
PROGRAMMING THE DEVICE (continued)
STV8203
20/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com