Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8203D Datasheet(PDF) 22 Page - STMicroelectronics

Part # STV8203D
Description  MULTISTANDARD TV SOUND DEMODULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8203D Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STV8203D Datasheet HTML 18Page - STMicroelectronics STV8203D Datasheet HTML 19Page - STMicroelectronics STV8203D Datasheet HTML 20Page - STMicroelectronics STV8203D Datasheet HTML 21Page - STMicroelectronics STV8203D Datasheet HTML 22Page - STMicroelectronics STV8203D Datasheet HTML 23Page - STMicroelectronics STV8203D Datasheet HTML 24Page - STMicroelectronics STV8203D Datasheet HTML 25Page - STMicroelectronics STV8203D Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
AGCS (AGC Control and Status for ADC)
Address
: 12
Type
: R/W
Reset
: 0100 00XX
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0
AGC-ERR
SIG-OVR
SIG-UND
AGC-ERR : Gain Control Signal of amplifier before ADC. There are 32 steps of 1.25dB.
AGC-ERR [6:2]
Gain (dB)
00000
0
00001
1.25
.....
.....
11110
37.50
11111
38.75
When AGC_CMD = 0, AGC-ERR can be read thus indicating the input level. It can also be
written to thus presetting the AGC level which will then adjust itself to the final value. When
AGC_CMD = 1, the AGC is off and thus writing to AGC-ERR directly controls the AGC
amplifier gain. Reading AGC_ERR just confirms the fixed value.
SIG-OVR
SIG-UND
: 1 = agc overloaded - signal too BIG
1 = agc under loaded - signal too SMALL
When the AGC is in automatic mode (agc_cmd=0), bit 0 indicates if the input signal is too
small and bit 1 if the AGC is too big. These bits could be used when setting the input level
to the STV8203.
IAGCR (Internal AGC Reference for QPSK)
Address
: 14
Type
: R/W
Reset
: 1000 1000
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
IAGC-REF
Sets the mean value of the internal AGC, used for QPSK demodulation. The default setting corresponds
to half full scale amplitude at the PLL input.
IAGCC (Internal AGC Time Constant for QPSK)
Address
: 15
Type
: R/W
Reset
: 0000 0011
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
IAGC-OFF
0000
IAGC-CST
IAGC-OFF : 1 = Internal agc = off
Only enabled when AUTOSTANDARD is off. Normally , the internal AGC should be OFF for
FM and ON for QPSK.
This bit is controlled by AUTOSTANDARD when this function is activated.
IAGC-CST : Internal AGC Programmable Step Constant.
Set the internal AGC time constant; the compromise is between fast settling time (for the
quickest Nicam identification) and noise immunity. The control range is about 45dB divided
into 0.2dB steps. These bits control the time per step (values given for QPSK mode) :
AGC-CST [2:0]
Step time (
µs)
Time Response (ms)
000
703
105
001
352
53
.....
.....
.....
111
5.5
0.82
PROGRAMMING THE DEVICE (continued)
STV8203
22/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com