Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7616 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 37Page - Renesas Technology Corp SH7616 Datasheet HTML 38Page - Renesas Technology Corp SH7616 Datasheet HTML 39Page - Renesas Technology Corp SH7616 Datasheet HTML 40Page - Renesas Technology Corp SH7616 Datasheet HTML 41Page - Renesas Technology Corp SH7616 Datasheet HTML 42Page - Renesas Technology Corp SH7616 Datasheet HTML 43Page - Renesas Technology Corp SH7616 Datasheet HTML 44Page - Renesas Technology Corp SH7616 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 935 page
background image
Section 1 Overview
Rev. 2.00 Mar 09, 2006 page 15 of 906
REJ09B0292-0200
1.3.2
Pin Functions
Table 1.2
Pin Functions
Type
Symbol
I/O
Name
Function
Power
VCC
Input
Power
For connection to the power supply.
Connect all VCC pins to the system power
supply. The chip will not operate if there
are any open pins
VSS
Input
Ground
For connection to ground. Connect all
VSS pins to the system ground. The chip
will not operate if there are any open pins
PVCC
Input
I/O circuit power Power supply for the I/O circuits
PVSS
Input
I/O circuit
ground
Ground for the I/O circuits
Clock
XTAL
Output
Crystal input/
output pin
For connection to a crystal resonator
EXTAL
Input
For connection to a crystal resonator, or
used as external clock input pin
CKIO
I/O
System clock
input/output
pin
Used as the external clock input or
internal clock output pin
CKPREQ/
CKM
Input
Clock pause
request input
Used as the clock pause request pin for
changing the frequency of the clock input
from the CKIO pin, or halting the clock
CKPACK
Output
Clock pause
acknowledge
signal
Indicates that the chip is in the clock
pause state (standby state) internally
CKPO
Output
On-chip
peripheral clock
(P
φ) output
Outputs the on-chip peripheral clock (P
φ)
PLLCAP1
Input
PLL capacitance
connection pins
Connects capacitance for operation of
PLL circuit 1
PLLCAP2
Input
Connects capacitance for operation of
PLL circuit 2
PLLVCC
Input
PLL power
PLL oscillator power supply
PLLVSS
Input
PLL ground
PLL oscillator ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com