Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7616 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 78Page - Renesas Technology Corp SH7616 Datasheet HTML 79Page - Renesas Technology Corp SH7616 Datasheet HTML 80Page - Renesas Technology Corp SH7616 Datasheet HTML 81Page - Renesas Technology Corp SH7616 Datasheet HTML 82Page - Renesas Technology Corp SH7616 Datasheet HTML 83Page - Renesas Technology Corp SH7616 Datasheet HTML 84Page - Renesas Technology Corp SH7616 Datasheet HTML 85Page - Renesas Technology Corp SH7616 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 935 page
background image
Section 2 CPU
Rev. 2.00 Mar 09, 2006 page 56 of 906
REJ09B0292-0200
2.4.2
DSP Data Addressing
There are two different kinds of memory accesses with DSP instructions. One type is with the X,
Y data transfer instructions (MOVX.W, MOVY.W), and the other is with the single data transfer
instructions (MOVS.W, MOVS.L). The data addressing differs between these two types of
instructions. Table 2.13 shows a summary of the data transfer instructions.
Table 2.13 Overview of Data Transfer Instructions
Classification
X, Y Data Transfer Processing
(MOVX.W, MOVY.W)
Single Data Transfer Processing
(MOVS.W, MOVS.L)
Address registers
Ax: R4, R5; Ay: R6, R7
As: R2, R3, R4, R5
Index registers
Ix: R8, Iy: R9
Is: R8
Addressing
Nop/Inc(+2)/index addition: post-
update
Nop/Inc(+2,+4)/index addition: post-
update
—
Dec(–2,–4): pre-update
Modulo addressing
Possible
Not possible
Data bus
XDB, YDB
CDB
Data length
16 bit (word)
16 bit/32 bit (word/longword)
Bus contention
None
Yes
Memory
X, Y data memory
All memory spaces
Source registers
Dx, Dy: A0, A1
Ds: A0/A1, M0/M1, X0/X1, Y0/Y1,
A0G, A1G
Destination registers
Dx: X0/X1; Dy: Y0/Y1
Ds: A0/A1, M0/M1, X0/X1, Y0/Y1,
A0G, A1G
X, Y Data Addressing: Among the DSP instructions, the MOVX.W and MOVY.W instructions
can be used to simultaneously access X, Y data memory. The DSP instructions have two address
pointers for simultaneous accessing of X, Y data memory. Only pointer addressing is possible with
DSP instructions; there is no immediate addressing. The address registers are divided into two; the
R4, R5 registers become the X memory address register (Ax), and the R6, R7 registers become the
Y memory address register (Ay). The following three types of addressing exist with X, Y data
transfer instructions.
1. Non-updated address registers: The Ax, Ay registers are address pointers. They are not
updated.
2. Add index registers: The Ax, Ay registers are address pointers. The Ix, Iy register values are
added to them, respectively, after the data transfer (post-update).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com