Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7616 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 81Page - Renesas Technology Corp SH7616 Datasheet HTML 82Page - Renesas Technology Corp SH7616 Datasheet HTML 83Page - Renesas Technology Corp SH7616 Datasheet HTML 84Page - Renesas Technology Corp SH7616 Datasheet HTML 85Page - Renesas Technology Corp SH7616 Datasheet HTML 86Page - Renesas Technology Corp SH7616 Datasheet HTML 87Page - Renesas Technology Corp SH7616 Datasheet HTML 88Page - Renesas Technology Corp SH7616 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 935 page
background image
Section 2 CPU
Rev. 2.00 Mar 09, 2006 page 59 of 906
REJ09B0292-0200
Modulo Addressing: The chip has a modulo addressing mode, just as other DSPs do. Address
registers are updated in the same manner as with other modes. When the address pointer value
becomes the same as a previously established modulo end address, the address pointer becomes
the modulo start address.
Modulo addressing is valid only with X, Y data transfer instructions (MOVX.W, MOVY.W).
When the DMX bit of the SR register is set, the X address register enters modulo addressing
mode; when the DMY bit of the SR register is set, the Y address register does so. Modulo
addressing is valid only for either the X or the Y address register; it is not possible to make them
both modulo addressing mode at the same time. Therefore, do not simultaneously set the DMX
and DMY. If they happen to be set at the same time, only the DMY side is valid.
The MOD register is used to designate the start and end addresses of the modulo address area; it
stores the MS (modulo start) and ME (modulo end). An example of MOD register (MS, ME)
usage is indicated below.
MOV.L ModAddr,Rn;
Rn=ModEnd, ModStart
LDC Rn,MOD;
ME=ModEnd, MS=ModStart
ModAddr:
.DATA.W
mEnd;
ModEnd
.DATA.W
mStart;
ModStart
ModStart: .DATA
:
ModEnd:
.DATA
Designate the start and end addresses in MS and ME, and then set the DMX or DMY bit to 1. The
contents of the address register are compared with ME. If they match ME, the start address MS is
stored in the address register. The lower 16 bits of the address register are compared with ME. The
maximum modulo size is 64 kbytes. This is sufficient for X, Y data memory accesses. Figure 2.11
shows a block diagram of modulo addressing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com