Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7616 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 5Page - Renesas Technology Corp SH7616 Datasheet HTML 6Page - Renesas Technology Corp SH7616 Datasheet HTML 7Page - Renesas Technology Corp SH7616 Datasheet HTML 8Page - Renesas Technology Corp SH7616 Datasheet HTML 9Page - Renesas Technology Corp SH7616 Datasheet HTML 10Page - Renesas Technology Corp SH7616 Datasheet HTML 11Page - Renesas Technology Corp SH7616 Datasheet HTML 12Page - Renesas Technology Corp SH7616 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 935 page
background image
Rev. 2.00 Mar 09, 2006 page ix of xxvi
Item
Page Revision (See Manual for Details)
11.3.6 DMA Transfer
Request
Acknowledge Signal
Output Timing
Figure 11.13 Example
of DACKn Output
Timing
496
Figure replaced
Clock
DACKn
(Active high)
Address bus
CPU
DMAC
0.5 cycles
14.3.4 Operation in
Synchronous Mode
613
Description amended
In synchronous mode, the SCIF receives data in synchronization
with the rise of the serial clock.
15.4 SIOF Interrupt
Sources and DMAC
663
Description amended
Each SIOF channel has four interrupt sources: the receive-overrun-
error interrupt (RERI0) request, transmit-underrun-error interrupt
(TERI0) request, receive-data-full interrupt/receive-control-data-
register-full interrupt (RDFI0) request, and transmit-data-empty
interrupt/transmit-control-data-register-empty interrupt (TDEI0)
request. Table 15.3 shows the interrupt sources and their relative
priorities. The RDFI0 and TDEI0 interrupts are enabled by the RIE,
RCIE, TIE, and TCIE bits, respectively, in SICTR. The RERI0 and
TERI0 interrupts cannot be disabled.
Table amended
Interrupt
Source
Description
DMAC
Activation
Priority
RERI0
Receive overrun error (RERR)
Not possible
TERI0
Transmit underrun error (TERR)
Not possible
RDFI0
Receive data register full (RDRF)/
Receive Control Data Register Full (RCD)
Possible*
TDEI0
Transmit data register empty (TDRE)/
Transmit Control Data Register Empty (TCD)
Possible*
High
↑
↓
Low
Table 15.3 SIOF
Interrupt Sources
664
Table amended
Abbreviation
Voltage
Operating
Frequency Mark Code
Package
SH7616
3.3 V
62.5 MHz
HD6417616SF
PLQP0208KA-A
Appendix C
Table C.1 SH7616
Product Lineup
904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com