Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7616 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 28Page - Renesas Technology Corp SH7616 Datasheet HTML 29Page - Renesas Technology Corp SH7616 Datasheet HTML 30Page - Renesas Technology Corp SH7616 Datasheet HTML 31Page - Renesas Technology Corp SH7616 Datasheet HTML 32Page - Renesas Technology Corp SH7616 Datasheet HTML 33Page - Renesas Technology Corp SH7616 Datasheet HTML 34Page - Renesas Technology Corp SH7616 Datasheet HTML 35Page - Renesas Technology Corp SH7616 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 935 page
background image
Section 1 Overview
Rev. 2.00 Mar 09, 2006 page 6 of 906
REJ09B0292-0200
Item
Specifications
Bus state controller
(BSC)
• Address space divided into five areas (CS0 to CS4, max. linear 32 Mbytes
each)
 Memory types such as DRAM, synchronous DRAM, burst ROM, can
be specified for each area
 Two synchronous DRAM spaces (CS2, CS3); CS3 also supports
DRAM
 Bus width (8, 16, 32 bits) can be selected for each area
 Wait state insertion control for each area
 Control signal output for each area
 Endian can be set for CS2 and CS4
• Cache
 Cache area/cache-through area selection by access address
 Selection of write-through or write-back mode
• Refresh functions
 CAS-before-RAS refreshing (auto refreshing) or self-refreshing
 Refresh interval settable by means of refresh counter and clock select
setting
 Concentrated refreshing according to refresh count setting
(1, 2, 4, 6, 8)
 Refresh request output possible (REFOUT)
• Direct DRAM interface
 Multiplexed row address/column address output
 Fast page mode burst transfer and continuous access when reading
 EDO mode
 TP cycle generation to secure RAS precharge time
• Direct synchronous DRAM interface
 Multiplexed row address/column address output
 Bank-active mode (valid for CS3 only)
 Selection of burst read/single write mode or burst read/burst write
mode
• Bus arbitration (BRLS, BGR)
• Refresh counter can be used as interval timer
 Interrupt request generated on compare match (CMI interrupt request
signal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com