Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7616 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 27Page - Renesas Technology Corp SH7616 Datasheet HTML 28Page - Renesas Technology Corp SH7616 Datasheet HTML 29Page - Renesas Technology Corp SH7616 Datasheet HTML 30Page - Renesas Technology Corp SH7616 Datasheet HTML 31Page - Renesas Technology Corp SH7616 Datasheet HTML 32Page - Renesas Technology Corp SH7616 Datasheet HTML 33Page - Renesas Technology Corp SH7616 Datasheet HTML 34Page - Renesas Technology Corp SH7616 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 935 page
background image
Section 1 Overview
Rev. 2.00 Mar 09, 2006 page 5 of 906
REJ09B0292-0200
Item
Specifications
User break
controller (UBC),
4 channels
(A, B, C, D)
• Interrupt generation based on independent or sequential conditions for
channels A, B, C, D
 Three sequential setting patterns: A → B → C → D, B → C → D,
C
→ D
• Settable break conditions: Address, data (channels C and D only), bus
master (CPU/DMAC), bus cycle (instruction fetch/data access), read/write,
operand cycle (byte/word/longword)
• User break interrupt generated on occurrence of break condition
• Processing can be stopped before or after instruction execution in
instruction fetch cycle
• Break with specification of number of executions (channels C and D only)
Settable number of executions: max. 2
12 – 1 (4095)
• PC trace function
Branch source/branch destination can be traced in branch instruction fetch
(max. 8 addresses (4 pairs))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com