Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7616 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 41Page - Renesas Technology Corp SH7616 Datasheet HTML 42Page - Renesas Technology Corp SH7616 Datasheet HTML 43Page - Renesas Technology Corp SH7616 Datasheet HTML 44Page - Renesas Technology Corp SH7616 Datasheet HTML 45Page - Renesas Technology Corp SH7616 Datasheet HTML 46Page - Renesas Technology Corp SH7616 Datasheet HTML 47Page - Renesas Technology Corp SH7616 Datasheet HTML 48Page - Renesas Technology Corp SH7616 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 935 page
background image
Section 1 Overview
Rev. 2.00 Mar 09, 2006 page 19 of 906
REJ09B0292-0200
Type
Symbol
I/O
Name
Function
Ethernet
LNKSTA
Input
Link status
Link status input from PHY
controller
(EtherC)
EXOUT
Output
General-purpose
external output
General-purpose external output pin
WOL
Output
Wake on LAN
Signal indicating detection of a Magic
Packet
CAMSEN
Input
CAM sense
CAM sense signal
Direct
memory
access
controller
DACK0, 1
Output
DMAC
channel 0, 1
acknowledge
These pins output receiving a DMA
transfer request to an external device
(DMAC)
DREQ0, 1
Input
DMAC
channel 0, 1
request
Pins that input DMA transfer requests
from an external device
Serial com-
munication
interface with
TXD1, 2
Output
Transmit data
output channel
1, 2
SCIF channel 1 and 2 transmit data
output pins
FIFO (SCIF)
RXD1, 2
Input
Receive data
output channel
1, 2
SCIF channel 1 and 2 receive data input
pins
SCK1, 2
I/O
Serial clock
input/output
channel 1, 2
SCIF clock input/output pins
RTS
Output
Transmit
request
SCIF channel 1 transmit request output
pin
CTS
Input
Transmit enable
SCIF channel 1 transmit enable input pin
Timer pulse
unit (TPU)
TCLKA
TCLKB
TCLKC
TCLKD
Input
TPU timer clock
input A, B, C, D
Pins that input an external clock to the
TPU counter
TIOCA0
TIOCB0
TIOCC0
TIOCD0
I/O
TPU input
capture/output
compare
(channel 0)
Channel 0 input capture input/
output compare output/PWM output pins
TIOCA1
TIOCB1
I/O
TPU input
capture/output
compare
(channel 1)
Channel 1 input capture input/
output compare output/PWM output pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com