Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 138Page - Renesas Technology Corp HD6417618A Datasheet HTML 139Page - Renesas Technology Corp HD6417618A Datasheet HTML 140Page - Renesas Technology Corp HD6417618A Datasheet HTML 141Page - Renesas Technology Corp HD6417618A Datasheet HTML 142Page - Renesas Technology Corp HD6417618A Datasheet HTML 143Page - Renesas Technology Corp HD6417618A Datasheet HTML 144Page - Renesas Technology Corp HD6417618A Datasheet HTML 145Page - Renesas Technology Corp HD6417618A Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 110 of 610
REJ09B0131-0600
Area P4 (H'E0000000 to H'EFFFFFFF) is an I/O area and is allocated to internal register
addresses. Therefore, area P4 does not become shadow space.
Area 0 (CS0)
H'00000000
H'20000000
H'40000000
H'60000000
H'80000000
H'A0000000
H'C0000000
H'E0000000
Area 1 (reserved)
Area 2 (reserved)
Area 3 (CS3)
Area 4 (CS4)
Area 5A (reserved)
Area 6A (reserved)
Area 7 (reserved)
Physical address space
Address Space
P0
P1
P2
P3
P4
Area 5B (CS5B)
Area 6B (CS6B)
Figure 7.2 Address Space
7.3.3
Address Map
The external address space has a capacity of 256 Mbytes and is divided into five areas. Types of
memory to be connected and the data bus width are specified for individual areas. The address
map for the external address space is shown in table 7.2.
Table 7.2
Address Map 1 (CMNCR.MAP = 0)
Physical Address
Area
Memory to be Connected
Capacity
H'00000000 to H'03FFFFFF
Area 0
Normal memory
64 Mbytes
H'04000000 to H'07FFFFFF
Area 1
Reserved area*
64 Mbytes
H'08000000 to H'0BFFFFFF
Area 2
Reserved area*
64 Mbytes
H'0C000000 to H'0FFFFFFF
Area 3
Normal memory
Byte-selection SRAM
SDRAM
64 Mbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com