Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 140Page - Renesas Technology Corp HD6417618A Datasheet HTML 141Page - Renesas Technology Corp HD6417618A Datasheet HTML 142Page - Renesas Technology Corp HD6417618A Datasheet HTML 143Page - Renesas Technology Corp HD6417618A Datasheet HTML 144Page - Renesas Technology Corp HD6417618A Datasheet HTML 145Page - Renesas Technology Corp HD6417618A Datasheet HTML 146Page - Renesas Technology Corp HD6417618A Datasheet HTML 147Page - Renesas Technology Corp HD6417618A Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 112 of 610
REJ09B0131-0600
7.3.4
Area 0 Memory Type and Memory Bus Width
The memory bus width in this LSI can be set for each area. In area 0, the bus width is selected
from 8 bits and 16 bits at a power-on reset by the external pin setting. The bus width of other areas
is set by the register. The correspondence between the memory type, external pin (MD3), and bus
width is listed in table 7.4.
Table 7.4
Correspondence between External Pin (MD3), Memory Type, and Bus Width
for CS0
MD3
Memory Type
Bus Width
1
Normal memory
8 bits
0
16 bits
7.3.5
Data Alignment
This LSI supports the big endian and little endian methods of data alignment. The data alignment
is specified using the external pin (MD5) at a power-on reset as shown in table 7.5.
Table 7.5
Correspondence between External Pin (MD5) and Endians
MD5
Endian
0
Big endian
1
Little endian



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com