| Electronic Components Datasheet Search |
|
HD6417618A Datasheet(PDF) 147 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 147 Page - Renesas Technology Corp |
|
147 / 646 page ![]() Section 7 Bus State Controller (BSC) Rev. 6.00 Jun. 12, 2007 Page 115 of 610 REJ09B0131-0600 Bit Bit Name Initial Value R/W Description 1 HIZMEM 0 R/W Hi-Z Memory Control Specifies the pin state in standby mode for pins A25 to A0, BS, CSn, RD/WR, WEn (BEn)/DQMxx, and RD. 0: High impedance in standby mode 1: Driven in standby mode 0 HIZCNT 0 R/W Hi-Z Control Specifies the pin state in standby mode for the CKIO, CKE, RAS, and CAS pins. 0: High impedance in standby mode 1: Driven in standby mode Note: * The external pin (MD5) state for specifying endian is sampled at a power-on reset. When big endian is specified, this bit is read as 0 and when little endian is specified, this bit is read as 1. 7.4.2 CSn Space Bus Control Register (CSnBCR) (n = 0, 2, 3, 4, 5B, 6B) CSnBCR specifies the type of memory connected to each space, data-bus width of each space, and the number of wait cycles between access cycles. Do not access external memory other than area 0 until setting CSnBCR is completed. Bit Bit Name Initial Value R/W Description 31, 30 All 0 R Reserved These bits are always read as 0. The write value should always be 0. 29 28 IWW1 IWW0 1 1 R/W R/W Idle Cycles between Write-Read Cycles and Write-Write Cycles Specify the number of idle cycles to be inserted after the access to a memory that is connected to the area. The write and read cycles or write and write cycles performed consecutively are the target cycle. 000: No idle cycle inserted 001: 1 idle cycle inserted 010: 2 idle cycles inserted 011: 4 idle cycles inserted |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |