Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 139Page - Renesas Technology Corp HD6417618A Datasheet HTML 140Page - Renesas Technology Corp HD6417618A Datasheet HTML 141Page - Renesas Technology Corp HD6417618A Datasheet HTML 142Page - Renesas Technology Corp HD6417618A Datasheet HTML 143Page - Renesas Technology Corp HD6417618A Datasheet HTML 144Page - Renesas Technology Corp HD6417618A Datasheet HTML 145Page - Renesas Technology Corp HD6417618A Datasheet HTML 146Page - Renesas Technology Corp HD6417618A Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 111 of 610
REJ09B0131-0600
Physical Address
Area
Memory to be Connected
Capacity
H'10000000 to H'13FFFFFF
Area 4
Normal memory
Byte-selection SRAM
64 Mbytes
H'14000000 to H'15FFFFFF
Area 5A
Reserved area*
32 Mbytes
H'16000000 to H'17FFFFFF
Area 5B
Normal memory
Byte-selection SRAM
32 Mbytes
H'18000000 to H'19FFFFFF
Area 6A
Reserved area*
32 Mbytes
H'1A000000 to H'1BFFFFFF
Area 6B
Normal memory
Byte-selection SRAM
32 Mbytes
H'1C000000 to H'1FFFFFFF
Area 7
Reserved area*
64 Mbytes
Note:
*
Do not access the reserved area. If the reserved area is accessed, the correct operation
cannot be guaranteed.
Table 7.3
Address Map 2 (CMNCR.MAP = 1)
Physical Address
Area
Memory to be Connected
Capacity
H'00000000 to H'03FFFFFF
Area 0
Normal memory
64 Mbytes
H'04000000 to H'07FFFFFF
Area 1
Reserved area*
1
64 Mbytes
H'08000000 to H'0BFFFFFF
Area 2
Reserved area*
1
64 Mbytes
H'0C000000 to H'0FFFFFFF
Area 3
Normal memory
Byte-selection SRAM
SDRAM
64 Mbytes
H'10000000 to H'13FFFFFF
Area 4
Normal memory
Byte-selection SRAM
64 Mbytes
H'14000000 to H'17FFFFFF
Area 5*
2
Normal memory
Byte-selection SRAM
PCMCIA
64 Mbytes
H'18000000 to H'1BFFFFFF
Area 6*
2
Normal memory
Byte-selection SRAM
PCMCIA
64 Mbytes
H'1C000000 to H'1FFFFFFF
Area 7
Reserved area*
1
64 Mbytes
Notes: 1. Do not access the reserved area. If the reserved area is accessed, the correct operation
cannot be guaranteed.
2. For area 5, CS5BBCR and CS5BWCR are enabled.
For area 6, CS6BBCR and CS6BWCR are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com