Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 223Page - Renesas Technology Corp HD6417618A Datasheet HTML 224Page - Renesas Technology Corp HD6417618A Datasheet HTML 225Page - Renesas Technology Corp HD6417618A Datasheet HTML 226Page - Renesas Technology Corp HD6417618A Datasheet HTML 227Page - Renesas Technology Corp HD6417618A Datasheet HTML 228Page - Renesas Technology Corp HD6417618A Datasheet HTML 229Page - Renesas Technology Corp HD6417618A Datasheet HTML 230Page - Renesas Technology Corp HD6417618A Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 646 page
background image
Section 8 Clock Pulse Generator (CPG)
Rev. 6.00 Jun. 12, 2007 Page 195 of 610
REJ09B0131-0600
The clock pulse generator blocks function as follows:
PLL Circuit 1: PLL circuit 1 leaves the input clock frequency from the PLL circuit 2 unchanged
or doubles it. The multiplication ratio is set by the frequency control register. The phase of the
rising edge of the internal clock is controlled so that it will match the phase of the rising edge of
the CKIO pin.
PLL Circuit 2: PLL circuit 2 doubles or quadruples the clock frequency input from the crystal
oscillator or the EXTAL pin. The multiplication ratio is fixed for each clock operating mode. The
clock operating mode is set with pins MD0, MD1, or MD2.
Crystal Oscillator: The crystal oscillator is an oscillator circuit when a crystal resonator is
connected to the XTAL and EXTAL pins. The crystal oscillator can be used by setting the clock
operating mode.
Divider 1: Divider 1 generates clocks with the frequencies used by the internal clock, peripheral
clock, and bus clock. The frequency output as the internal clock is always the same as that of the
devider1 output. The frequency output as the bus clock is automatically selected so that it is the
same as the frequency of the CKIO signal according to the multiplication ratio of PLL circuit 1.
The frequencies can be 1, 1/2, or 1/4 times the output frequency of PLL circuit 1, as long as it
stays at or above the frequency of the CKIO pin. The division ratio is set in the frequency control
register.
Divider 2: Divider 2 generates a clock that is supplied to the external PHY-LSI. Divider 2 must
output 25-MHz frequency for the PHY-LSI that generally requires 25-MHz clock. The output
clock of divider 2 can be 1, 1/2, or 1/4 times the output frequency of PLL circuit 1. The division
ratio is set in the PHY-LSI clock frequency control register.
Clock Frequency Control Circuit: The clock frequency control circuit controls the clock
frequency using pins MD0, MD1, and MD2, the frequency control register, and PHY-LSI clock
frequency control register.
Standby Control Circuit: The standby control circuit controls the state of the on-chip oscillator
circuit and other modules during clock switching and in software standby mode.
Frequency Control Register: The frequency control register has control bits assigned for the
following functions: clock output/non-output from the CKIO pin, the frequency multiplication
ratio of PLL circuit 1, and the frequency division ratio of the peripheral clock.
Standby Control Register: The standby control register has bits for controlling the power-down
modes. For details, see section 10, Power-Down Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com