Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 225Page - Renesas Technology Corp HD6417618A Datasheet HTML 226Page - Renesas Technology Corp HD6417618A Datasheet HTML 227Page - Renesas Technology Corp HD6417618A Datasheet HTML 228Page - Renesas Technology Corp HD6417618A Datasheet HTML 229Page - Renesas Technology Corp HD6417618A Datasheet HTML 230Page - Renesas Technology Corp HD6417618A Datasheet HTML 231Page - Renesas Technology Corp HD6417618A Datasheet HTML 232Page - Renesas Technology Corp HD6417618A Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 646 page
background image
Section 8 Clock Pulse Generator (CPG)
Rev. 6.00 Jun. 12, 2007 Page 197 of 610
REJ09B0131-0600
Mode 1: The frequency of the external clock input from the EXTAL pin is quadrupled by PLL
circuit 2, and then the clock is supplied to this LSI. Since the input clock frequency ranging 10
MHz to 12.5 MHz can be used, the CKIO frequency ranges from 40 MHz to 50 MHz.
Mode 2: The frequency of the on-chip crystal oscillator output is quadrupled by PLL circuit 2, and
then the clock is supplied to this LSI. Since the crystal resonator frequency ranging 10 MHz to
12.5 MHz can be used, the CKIO frequency ranges from 40 MHz to 50 MHz.
Mode 5: The frequency of the external clock from the EXTAL pin is doubled by PLL circuit 2,
and then the clock is supplied to this LSI. Since the input clock frequency ranging 10 MHz to 25
MHz, the CKIO frequency ranges from 20 MHz to 50 MHz.
Mode 6: The frequency of the on-chip crystal oscillator output is doubled by PLL circuit 2, and
then the clock is supplied to the LSI. Since the crystal oscillation frequency ranging 10 MHz to 25
MHz can be used, the CKIO frequency ranges from 20 MHz to 50 MHz.
Table 8.3
Possible Combination of Clock Modes and FRQCR Values
Mode
FRQCR
Register
Value
PLL
Circuit 1
PLL
Circuit 2
Clock Ratio*
(I:B:P)
Input Clock
Frequency Range
CKIO Pin
Frequency
Range
H'1000
ON (
×1)
ON (
×4)
4:4:4
1 or 2
H'1001
ON (
×1)
ON (
×4)
4:4:2
10 MHz to
12.5 MHz
40 MHz to
50 MHz
H'1003
ON (
×1)
ON (
×4)
4:4:1
H'1101
ON (
×2)
ON (
×4)
8:4:4
H'1103
ON (
×2)
ON (
×4)
8:4:2
5 or 6
H'1000
ON (
×1)
ON (
×2)
2:2:2
H'1001
ON (
×1)
ON (
×2)
2:2:1
10 MHz to
25 MHz
20 MHz to
50 MHz
H'1003
ON (
×1)
ON (
×2)
2:2:1/2
H'1101
ON (
×2)
ON (
×2)
4:2:2
H'1103
ON (
×2)
ON (
×2)
4:2:1
Note:
*
Input clock is assumed to be 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com