| Electronic Components Datasheet Search |
|
HD6417618A Datasheet(PDF) 230 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 230 Page - Renesas Technology Corp |
|
230 / 646 page ![]() Section 8 Clock Pulse Generator (CPG) Rev. 6.00 Jun. 12, 2007 Page 198 of 610 REJ09B0131-0600 Cautions: 1. The internal clock frequency is the product of the frequency of the CKIO pin and the frequency multiplication ratio of PLL circuit 1. 2. The peripheral clock frequency is the product of the frequency of the CKIO pin, the frequency multiplication ratio of PLL circuit 1, and the division ratio of divider 1. Do not set the peripheral clock frequency lower than the CKIO pin frequency. 3. The PHY-LSI clock frequency is the product of the frequency of the CKIO pin, the frequency multiplication ratio of PLL circuit 1, and the division ratio of divider 2. 4. ×1, ×1/2, or ×1/4 can be used as the division ratio of divider 1. Set the rate in the frequency control register. 5. The division ratio of divider 2 is selected from ×1, ×1/2, or ×1/4 can be used as Set the rate in the PHY-LSI clock frequency control register. 6. The output frequency of PLL circuit 1 is the product of the frequency of the CKIO pin and the multiplication ratio of PLL circuit 1. It is set by the frequency control register. 7. The bus clock frequency is always set to be equal to the frequency of the CKIO pin. 8. The clock mode, the FRQCR register value, and the frequency of the input clock should be decided to satisfy the range of operating frequency specified in section 21, Electrical Characteristics, with referring to table 8.3. 8.4 Register Descriptions The CPG has the following registers. For details on the addresses of these registers and the states of these registers in each processing state, see section 20, List of Registers. • Frequency control register (FRQCR) • PHY-LSI clock frequency control register (MCLKCR) 8.4.1 Frequency Control Register (FRQCR) FRQCR is a 16-bit readable/writable register that specifies whether a clock is output from the CKIO pin in standby mode, the frequency multiplication ratio of PLL circuit 1, and the frequency division ratio of the peripheral clock. Only word access can be used on FRQCR. FRQCR is initialized by a power-on reset due to the external input signal. However, it is not initialized by a power-on reset due to a WDT overflow. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |