Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACADFP Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # R5F2L3ACADFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACADFP Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button R5F2L3ACADFP Datasheet HTML 97Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 98Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 99Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 100Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 101Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 102Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 103Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 104Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 848 page
background image
6. Voltage Detection Circuit
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 65 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
6.2.2
Voltage Monitor Circuit Edge Select Register (VCAC)
Notes:
1. When the VCA1 bit is set to 0 (one edge), the VW1C7 bit in the VW1C register is enabled. Set the VW1C7 bit
after setting the VCAC1 bit to 0.
2. When the VCA2 bit is set to 0 (one edge), the VW2C7 bit in the VW2C register is enabled. Set the VW2C7 bit
after setting the VCAC2 bit to 0.
6.2.3
Voltage Detect Register (VCA1)
Note:
1. When the VCA27 bit in the VCA2 register is set to 1 (voltage detection 2 circuit enabled), the VCA13 bit is
enabled.
When the VCA27 bit in the VCA2 register is set to 0 (voltage detection 2 circuit disabled), the VCA13 bit is set to
1 (VCC
≥ Vdet2).
Address 0031h
Bit
b7b6b5
b4b3b2
b1b0
Symbol
—
—
—
—
—
VCAC2
VCAC1
—
After Reset
000
000
00
Bit
Symbol
Bit Name
Function
R/W
b0
—
Nothing is assigned. If necessary, set to 0. When read, the content is 0.
—
b1
VCAC1
Voltage monitor 1 circuit edge select bit (1) 0: One edge
1: Both edges
R/W
b2
VCAC2
Voltage monitor 2 circuit edge select bit (2) 0: One edge
1: Both edges
R/W
b3
—
Nothing is assigned. If necessary, set to 0. When read, the content is 0.
—
b4
—
b5
—
b6
—
b7
—
Address 0033h
Bit
b7b6b5
b4b3b2
b1b0
Symbol
——
——
VCA13
———
After Reset
000
010
00
Bit
Symbol
Bit Name
Function
R/W
b0
—
Reserved bits
Set to 0.
R/W
b1
—
b2
—
b3
VCA13
Voltage detection 2 signal monitor flag (1) 0: VCC < Vdet2
1: VCC
≥ Vdet2
or voltage detection 2 circuit disabled
R
b4
—
Reserved bits
Set to 0.
R/W
b5
—
b6
—
b7
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com