Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACADFP Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # R5F2L3ACADFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACADFP Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button R5F2L3ACADFP Datasheet HTML 99Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 100Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 101Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 102Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 103Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 104Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 105Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 106Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 848 page
background image
6. Voltage Detection Circuit
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 67 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
6.2.5
Voltage Detection 1 Level Select Register (VD1LS)
Set the PRC3 bit in the PRCR register to 1 (write enabled) before rewriting the VD1LS register.
Address 0036h
Bit
b7b6
b5b4b3b2
b1
b0
Symbol
————
VD1S3
VD1S2
VD1S1
VD1S0
After Reset
0
000
0111
Bit
Symbol
Bit Name
Function
R/W
b0
VD1S0
Voltage detection 1 level select bit
(Reference voltage when the voltage falls)
b3 b2 b1 b0
0 0 0 0: 2.20 V
(Vdet1_0)
0 0 0 1: 2.35 V
(Vdet1_1)
0 0 1 0: 2.50 V
(Vdet1_2)
0 0 1 1: 2.65 V
(Vdet1_3)
0 1 0 0: 2.80 V
(Vdet1_4)
0 1 0 1: 2.95 V
(Vdet1_5)
0 1 1 0: 3.10 V
(Vdet1_6)
0 1 1 1: 3.25 V
(Vdet1_7)
1 0 0 0: 3.40 V
(Vdet1_8)
1 0 0 1: 3.55 V
(Vdet1_9)
1 0 1 0: 3.70 V
(Vdet1_A)
1 0 1 1: 3.85 V
(Vdet1_B)
1 1 0 0: 4.00 V
(Vdet1_C)
1 1 0 1: 4.15 V
(Vdet1_D)
1 1 1 0: 4.30 V
(Vdet1_E)
1 1 1 1: 4.45 V
(Vdet1_F)
R/W
b1
VD1S1
R/W
b2
VD1S2
R/W
b3
VD1S3
R/W
b4
—
Reserved bits
Set to 0.
R/W
b5
—
R/W
b6
—
R/W
b7
—
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com