| Electronic Components Datasheet Search |
|
7540 Datasheet(PDF) 38 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7540 Datasheet(HTML) 38 Page - Renesas Technology Corp |
|
38 / 366 page ![]() 1-19 REJ09B0018-0200Z Rev.2.00 Jun 21, 2004 7540 Group HARDWARE FUNCTIONAL DESCRIPTION Fig. 17 Block diagram of ports (1) (6)Port P11 Data bus Port latch Serial I/O1 output P11/TxD1 P-channel output disable bit (5)Port P10 (4)Ports P04–P07 (1)Port P00 Direction register Data bus Port latch Pull-up control To key input interrupt generating circuit CNTR1 interrupt input (2)Ports P01, P02 Programmable waveform generation mode Timer output (7)Port P12 Serial I/O1, serial I/O2 clock output Serial I/O1 mode selection bit Serial I/O1 enable bit Serial I/O1 enable bit Serial I/O1 synchronous clock selection bit SCLK2 pin selection bit (3)Port P03 Direction register Data bus Port latch Pull-up control To key input interrupt generating circuit Direction register Data bus Port latch Pull-up control To key input interrupt generating circuit Timer output P03/TXOUT output valid Direction register Data bus Port latch Pull-up control To key input interrupt generating circuit Direction register Data bus Port latch Serial I/O1 enable bit Receive enable bit Serial I/O1 input P10, P12, P13 input level selection bit Direction register Serial I/O1 enable bit Transmit enable bit Direction register Data bus Port latch Serial I/O1, serial I/O2 clock input P10, P12, P13 input level selection bit * * *P10, P12, P13, P36, and P37 input level are switched to the CMOS/TTL level by the port P1P3 control register. P00 key-on wakeup selection bit When the TTL level is selected, there is no hysteresis characteristics. ** ** P02/TZOUT; Programmable waveform generation mode Programmable one-shot generation mode Programmable wait one-shot generation mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |