Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7540 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 41Page - Renesas Technology Corp 7540 Datasheet HTML 42Page - Renesas Technology Corp 7540 Datasheet HTML 43Page - Renesas Technology Corp 7540 Datasheet HTML 44Page - Renesas Technology Corp 7540 Datasheet HTML 45Page - Renesas Technology Corp 7540 Datasheet HTML 46Page - Renesas Technology Corp 7540 Datasheet HTML 47Page - Renesas Technology Corp 7540 Datasheet HTML 48Page - Renesas Technology Corp 7540 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 366 page
background image
1-26
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
HARDWARE
7540 Group
FUNCTIONAL DESCRIPTION
(4) Pulse width measurement mode
In the pulse width measurement mode, the pulse width of the sig-
nal input to P14/CNTR0 pin is measured.
The operation of Timer X can be controlled by the level of the sig-
nal input from the CNTR0 pin.
When the CNTR0 active edge switch bit is “0”, the signal selected
by the timer X count source selection bit is counted while the input
signal level of CNTR0 pin is “H”. The count is stopped while the
pin is “L”. Also, when the CNTR0 active edge switch bit is “1”, the
signal selected by the timer X count source selection bit is
counted while the input signal level of CNTR0 pin is “L”. The count
is stopped while the pin is “H”.
Timer X can stop counting by setting “1” to the timer X count stop
bit in any mode.
Also, when Timer X underflows, the timer X interrupt request bit is
set to “1”.
Note on Timer X is described below;
s Note on Timer X
CNTR0 interrupt active edge selection
CNTR0 interrupt active edge depends on the CNTR0 active edge
switch bit.
When this bit is “0”, the CNTR0 interrupt request bit is set to “1” at
the falling edge of CNTR0 pin input signal. When this bit is “1”, the
CNTR0 interrupt request bit is set to “1” at the rising edge of
CNTR0 pin input signal.
Fig. 23 Structure of timer X mode register
Fig. 24 Timer count source set register
Timer X mode register
(TXM : address 002B 16, initial value: 0016)
CNTR0 active edge switch bit
0 : Interrupt at falling edge
Count at rising edge
(in event counter mode)
1 : Interrupt at rising edge
Count at falling edge
(in event counter mode)
Timer X operating mode bits
b1 b0
0
0 : Timer mode
0
1 : Pulse output mode
1
0 : Event counter mode
1
1 : Pulse width measurement mode
Not used (return “0” when read)
Timer X count stop bit
0 : Count start
1 : Count stop
b7
b0
P03/TXOUT output valid bit
0 : Output invalid (I/O port)
1 : Output valid (Inverted CNTR 0 output)
Timer count source set register
(TCSS : address 002E16, initial value: 0016)
b7
b0
Timer X count source selection bits
b1 b0
0
0 : f(XIN)/16
0
1 : f(XIN)/2
1
0 : f(XIN) (Note 1)
1
1 : Not available
Notes 1: f(XIN) can be used as timer X count source when using
a ceramic resonator or on-chip oscillator.
Do not use it at RC oscillation.
2: System operates using an on-chip oscillator as a count
Source by setting the on-chip oscillator to oscillation enabled
by bit 3 of CPUM.
Timer Y count source selection bits
b3 b2
0
0 : f(XIN)/16
0
1 : f(XIN)/2
1
0 : On-chip oscillator output (Note 2)
1
1 : Not available
Timer Z count source selection bits
b5 b4
0
0 : f(XIN)/16
0
1 : f(XIN)/2
1
0 : Timer Y underflow
1
1 : Not available
Fix this bit to “0”.
Not used (return “0” when read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com