Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7540 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 29Page - Renesas Technology Corp 7540 Datasheet HTML 30Page - Renesas Technology Corp 7540 Datasheet HTML 31Page - Renesas Technology Corp 7540 Datasheet HTML 32Page - Renesas Technology Corp 7540 Datasheet HTML 33Page - Renesas Technology Corp 7540 Datasheet HTML 34Page - Renesas Technology Corp 7540 Datasheet HTML 35Page - Renesas Technology Corp 7540 Datasheet HTML 36Page - Renesas Technology Corp 7540 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 366 page
background image
1-14
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
HARDWARE
7540 Group
FUNCTIONAL DESCRIPTION
[CPU mode register] CPUM
The CPU mode register contains the stack page selection bit.
This register is allocated at address 003B16.
Switching method of CPU mode register
Switch the CPU mode register (CPUM) at the head of program af-
ter releasing Reset in the following method.
Fig. 12 Switching method of CPU mode register
Fig. 11 Structure of CPU mode register
Oscillation mode selection bit (Note 1)
0 : Ceramic oscillation
1 : RC oscillation
CPU mode register
(CPUM: address 003B16, initial value: 8016)
Stack page selection bit
0 : 0 page
1 : 1 page
Clock division ratio selection bits
b7 b6
0
0 : f(
φ) = f(XIN)/2 (High-speed mode)
0
1 : f(
φ) = f(XIN)/8 (Middle-speed mode)
1
0 : applied from on-chip oscillator
1
1 : f(
φ) = f(XIN) (Double-speed mode)(Note 2)
On-chip oscillator oscillation control bit
0 : On-chip oscillator oscillation enabled
1 : On-chip oscillator oscillation stop
XIN oscillation control bit
0 : Ceramic or RC oscillation enabled
1 : Ceramic or RC oscillation stop
Processor mode bits (Note 1)
b1 b0
0
0 Single-chip mode
0
1
1
0
1
1
Not available
b7
b0
2: These bits are used only when a ceramic oscillation is selected.
Note 1: The bit can be rewritten only once after releasing reset. After rewriting
it is disable to write any data to the bit. However, by reset the bit is
initialized and can be rewritten, again.
(It is not disable to write any data to the bit for emulator MCU
“M37540RSS”.)
Do not use these when an RC oscillation is selected.
After releasing reset
Switch the oscillation mode
selection bit (bit 5 of CPUM)
Switch the clock division ratio
selection bits (bits 6 and 7 of CPUM)
Main routine
Start with an on-chip oscillator
An initial value is set as a ceramic
oscillation mode. When it is switched to an
RC oscillation, its oscillation starts.
Select 1/1, 1/2, 1/8 or on-chip oscillator.
Wait by on-chip oscillator operation
until establishment of oscillator clock
When using a ceramic oscillation, wait until
establlishment of oscillation from oscillation starts.
When using an RC oscillation, wait time is not
required basically (time to execute the instruction
to switch from an on-chip oscillator meets the
requirement).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com